データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • T1220W

  • AI
    ## T1220W Snubberless Triac: Electronic Specifications The **T1220W** is a high-performance **Snubberless Triac** manufactured by STMicroelectronics. It is specifically designed for AC switching applications where high inductive loads are present. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the T1220W: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Off-state Voltage** | $V_{DRM} / V_{RRM}$ | 600 | V | | **RMS On-state Current** | $I_{T(RMS)}$ | 12 | A | | **Non-repetitive Surge Peak Current** | $I_{TSM}$ | 120 | A | | **Gate Trigger Current** | $I_{GT}$ | 20 | mA | | **Max. Operating Junction Temp** | $T_j$ | 125 | °C | | **Package Type** | - | ISOWATT220AB | - | --- ### 2. Core Functional Features * **Snubberless Technology:** Unlike standard triacs, the "W" version (Snubberless) does not require an external RC snubber network to limit the rate of voltage rise ($dV/dt$). This simplifies PCB design and reduces component count. * **High Commutation Capability:** It is designed to handle the transition from conduction to blocking state even with high-power inductive loads (like motors or transformers). * **Insulated Package (ISOWATT220AB):** The internal chip is electrically insulated from the metal cooling tab. This allows you to mount multiple triacs on the same heatsink without causing a short circuit. --- ### 3. Pinout Configuration The T1220W typically follows the standard TO-220/ISOWATT layout: 1. **Main Terminal 1 (A1/MT1):** Connected to the neutral or common line. 2. **Main Terminal 2 (A2/MT2):** Connected to the load. 3. **Gate (G):** Receives the trigger signal to turn the device ON. --- ### 4. Common Applications Due to its robust $dV/dt$ ratings and 12A capacity, it is frequently found in: * **Motor Control:** Vacuum cleaners, power tools, and washing machines. * **Heating Elements:** Ovens, water heaters, and industrial furnaces. * **Light Dimming:** High-power stage lighting or industrial lighting systems. * **Static Relays:** Used as a solid-state alternative to mechanical relays.
    ✨ Follow-up Questions
    • How does a Snubberless Triac differ from a logic-level Triac?
    • What are the thermal management requirements for a 12A load on this device?
    • Can the T1220W be triggered directly by a 3.3V microcontroller?