データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • T4-R

  • AI
    The **T4-R** typically refers to specific revisions of electronic speed controllers (ESCs) or telemetry modules often used in radio-controlled (RC) hobbyist electronics or specialized industrial sensors. Below is an overview of the electronic architecture and key components commonly found in T4-R hardware. --- ### 1. Core Electronic Components The internal circuitry of a T4-R module is designed for high-speed signal processing and power management. | Component Type | Function | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Logic & Processing | Usually an ARM-based or 8-bit chip that processes input signals (PWM/SBUS) and calculates output. | | **MOSFETs** | Power Switching | High-current transistors that manage the flow of electricity to the motor or load. | | **Voltage Regulator** | Power Stability | Converts battery voltage (LiPo) down to 5V or 3.3V to power the internal logic. | | **Capacitors** | Noise Filtering | Electrolytic or Ceramic capacitors that smooth out voltage spikes and ripples. | --- ### 2. Connectivity and Interfacing The T4-R is defined by its ability to communicate between the receiver and the power source. * **Signal Input:** Receives PWM (Pulse Width Modulation) or digital telemetry data from the transmitter/receiver. * **Telemetry Port:** (Specific to the "R" designation) Allows for real-time reporting of: * Battery Voltage * Temperature * RPM (Rotations Per Minute) * **Power Leads:** Heavy-gauge silicone wire designed to handle high-amperage throughput without melting. --- ### 3. Protection Circuitry To prevent electronic failure, these parts usually include: 1. **Thermal Protection:** A thermistor that monitors heat and throttles power if the unit exceeds safety limits (usually 100°C+). 2. **Low Voltage Cutoff (LVC):** Circuitry that monitors the attached battery to prevent permanent cell damage. 3. **BEC (Battery Eliminator Circuit):** An integrated circuit that allows the main battery to power the steering servos and receiver, eliminating the need for a second battery. --- ### 4. Technical Specifications Example *If the T4-R refers to a standard ESC module, its profile typically looks like this:* ```cpp // Example Firmware Logic for Signal Processing if (signal_input > 1500) { drive_mosfets(FORWARD, duty_cycle); } else if (signal_input < 1500) { drive_mosfets(REVERSE, duty_cycle); } else { apply_brake(); } ```
    ✨ Follow-up Questions
    • ⤷ Are you referring to a specific brand's T4-R (like a SkyRC or Futaba component)?
    • ⤷ How do you calibrate the endpoints on a T4-R electronic controller?
    • ⤷ What are the common failure points in T4-R MOSFET arrays?