データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • T405-R

  • AI
    The **T405-R** is a specific variant of a sensitive gate **Triac** (Triode for Alternating Current). It is widely used in power switching applications where low logic-level signals need to control AC loads. --- ### ## 1. Technical Specifications The "T405" series denotes the specific electrical characteristics, while the "-R" suffix typically refers to the packaging style (usually DPAK/TO-252) or tape-and-reel delivery. | Parameter | Value / Description | | :--- | :--- | | **Max On-State Current ($I_{T(RMS)}$)** | 4.0 Amperes | | **Repetitive Peak Off-State Voltage ($V_{DRM}/V_{RRM}$)** | 600V (Standard) | | **Gate Trigger Current ($I_{GT}$)** | 5 mA (Sensitive Gate) | | **Package Type** | DPAK (Surface Mount) or TO-220 (Through-hole) | | **Operating Temperature** | -40°C to +125°C | --- ### ## 2. Core Functional Components A Triac like the T405-R acts as a bidirectional switch. Internally, it is composed of several semiconductor layers that function as two SCRs (Silicon Controlled Rectifiers) connected in inverse parallel. * **Main Terminals (MT1 & MT2):** These handle the high-voltage AC load. * **Gate (G):** This is the control pin. Because the T405-R has a low $I_{GT}$ (5mA), it can be triggered directly by microcontrollers (like Arduino or ESP32) or logic gates without needing a high-power driver. * **Silicon Wafer:** Designed with "Snubberless" or "Standard" commutation technology to handle inductive loads. --- ### ## 3. Key Features & Advantages 1. **Logic Level Triggering:** The 5mA gate sensitivity allows the part to interface directly with 3.3V or 5V digital circuits. 2. **Compact Footprint:** The "R" variant in DPAK is ideal for space-constrained PCB designs. 3. **High Commutation:** It is designed to turn off efficiently when the AC current crosses zero, reducing electrical noise. --- ### ## 4. Common Application Circuits The T405-R is primarily used in small appliance control: * **Dimmers:** Controlling the brightness of incandescent lamps. * **Motor Speed Control:** Small fans or kitchen appliances. * **Solenoid Drivers:** Actuating valves in washing machines or coffee makers. * **Solid State Relays (SSR):** Replacing mechanical relays for silent, spark-free switching. --- ### ## 5. Pinout Configuration (DPAK) ```text ____ | | | MT2| (Tab) ___|____|___ | | | T405-R | |____________| | | | MT1 MT2 G ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the T405-600R specifically?
    • ⤷ Do I need a snubber circuit when using the T405-R with inductive loads?
    • ⤷ What are the heat dissipation requirements for the T405-R at 4 Amps?