データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • T620-600W

  • AI
    The **T620-600W** is a high-performance **Standard Triac** (Triode for Alternating Current) designed for general-purpose AC switching and phase-control applications. It is commonly manufactured by STMicroelectronics. --- ### ## 1. Key Technical Specifications The T620-600W is categorized by its ability to handle moderate power levels and its voltage tolerance. | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Off-State Voltage** | $V_{DRM}/V_{RRM}$ | 600 | Volts (V) | | **RMS On-State Current** | $I_{T(RMS)}$ | 6 | Amperes (A) | | **Non-Repetitive Surge Peak Current** | $I_{TSM}$ | 60 | Amperes (A) | | **Gate Trigger Current** | $I_{GT}$ | 35 | Milliamps (mA) | | **Package Type** | - | TO-220AB | - | --- ### ## 2. Functional Characteristics #### A. Power Handling The "600W" in the part number indicates a **600V** peak voltage rating and is part of the **6A** series. It can switch AC loads up to approximately 1.4kW (at 230V) or 660W (at 110V), assuming proper heat sinking. #### B. Triggering (Quadrants) The T620 is a 4-quadrant device. It can be triggered into conduction by both positive and negative gate currents relative to the Main Terminal 1 (MT1), allowing for versatile control circuits. #### C. Thermal Management As a TO-220 packaged component, it features a metal tab connected to MT2. In high-current applications (near 6A), a **heatsink** is mandatory to prevent thermal runaway and permanent damage. --- ### ## 3. Common Applications Due to its robust 6A rating and 600V tolerance, the T620-600W is frequently found in: 1. **Motor Speed Control:** Used in small appliances like blenders, fans, and power tools. 2. **Light Dimming:** Controlling the phase angle of incandescent or dimmable LED lamps. 3. **Heating Elements:** Regulating power in small ovens, soldering stations, or space heaters. 4. **Static Switching:** Replacing mechanical relays for noise-free, high-speed AC switching. --- ### ## 4. Schematic Pinout (TO-220) ```text _______ | ___ | | | | | | |___| | |_______| / | | \ / | | \ MT1 MT2 Gate (1) (2) (3) ``` 1. **MT1 (Main Terminal 1):** Reference point for gate trigger and main current flow. 2. **MT2 (Main Terminal 2):** Connected to the load; usually connected to the internal cooling tab. 3. **Gate:** The control terminal used to turn the Triac "ON". ---
    ✨ Follow-up Questions
    • What is the difference between the T620-600W and a Snubberless Triac?
    • How do I calculate the required heatsink size for this Triac at 5A?
    • Can this Triac be directly triggered by a 3.3V microcontroller?