データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • T7R3-R

  • AI
    The **T7R3-R** typically refers to a specific variation of a high-power, industrial-grade **Solid State Relay (SSR)** or a specialized **IGBT/Rectifier module** often used in motor control and heating systems. Below is a breakdown of the electronic components and technical characteristics associated with this part. --- ### 1. Key Technical Specifications Most modules in this series are designed for high-current switching and thermal efficiency. | Feature | Description | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Power Module | | **Control Voltage** | Usually 3-32V DC (Logic level) | | **Load Voltage** | 24-480V AC (Industrial standard) | | **Current Rating** | Typically 25A to 75A (model dependent) | | **Switching Type** | Zero-Cross Switching (to reduce EMI) | | **Isolation** | Optically isolated between input and output | --- ### 2. Internal Electronic Structure The T7R3-R architecture consists of three main stages: #### A. Input Stage (Control) * **Optoisolator:** Protects the low-voltage controller (like a PLC or Arduino) from high-voltage surges on the load side. * **Current Limiting Resistor:** Ensures the internal LED of the optocoupler operates within safe parameters. #### B. Trigger Circuit * **Zero-Cross Detector:** This circuit ensures the device only switches "ON" when the AC sine wave is at 0V. This prevents massive inrush currents and reduces electrical noise. * **Gate Drive:** Amplifies the signal to trigger the main power semiconductor. #### C. Output Stage (Power) * **Back-to-Back Thyristors (SCRs) or TRIAC:** These handle the actual high-power AC load. * **Snubber Circuit (RC Network):** Internal Resistor-Capacitor network that protects the device from $dv/dt$ (voltage spikes) caused by inductive loads like motors. --- ### 3. Physical & Installation Components The "R" suffix often denotes specific mechanical features: 1. **Aluminum Baseplate:** Necessary for heat dissipation; must be mounted to a heatsink with thermal paste. 2. **LED Indicator:** A small surface-mount LED on the casing to show if the control signal is active. 3. **IP20 Terminal Cover:** Often included to prevent accidental contact with high-voltage screw terminals. --- ### 4. Connection Diagram (Simplified) ```text [ Controller (+) ] ----> [ Input + ] (T7R3-R) [ Load Terminal 1 ] ----> [ Load (Heater/Motor) ] [ Controller (-) ] ----> [ Input - ] (T7R3-R) [ Load Terminal 2 ] ----> [ AC Power Line ] ``` --- ### Summary of Use Cases * **Industrial Ovens:** Precise PID control of heating elements. * **Motor Control:** Soft starting or cycling heavy fans. * **Packaging Machinery:** Rapid switching where mechanical relays would wear out too quickly.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the T7R3-R model you are using?
    • ⤷ Does this module require an external heatsink for continuous operation?
    • ⤷ How does zero-cross switching differ from random-fire switching in these modules?