データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TC74HC240API

  • AI
    ## Technical Overview: TC74HC240AP The **TC74HC240AP** is a high-speed CMOS 8-bit bus buffer fabricated with silicon gate C2MOS technology. It features **inverting outputs** and **3-state (Tri-state) outputs**, making it an ideal component for bus-oriented applications where high speed and low power consumption are required. --- ### 1. Key Features and Specifications The device consists of two groups of four buffers, each controlled by an independent Output Enable ($\overline{G}$) input. | Parameter | Specification | | :--- | :--- | | **Logic Type** | Inverting Buffer / Line Driver | | **Number of Elements** | 2 (4 bits each = 8 bits total) | | **Voltage Supply ($V_{CC}$)** | 2.0V to 6.0V | | **Output Type** | 3-State (High, Low, High-Impedance) | | **Propagation Delay** | ~10ns at 5V | | **Output Current** | 6mA (at 4.5V) | | **Operating Temperature** | -40°C to 85°C | | **Package Type** | DIP-20 (Dual In-line Package) | --- ### 2. Logic Symbol and Truth Table The TC74HC240AP operates based on the state of the Output Enable pin ($\overline{G}$). When $\overline{G}$ is **LOW**, the data flows through and is inverted. When $\overline{G}$ is **HIGH**, the outputs enter a High-Impedance (Hi-Z) state. | Input $\overline{G}$ | Input A | Output Y (Inverted) | | :---: | :---: | :---: | | L | L | H | | L | H | L | | H | X | Z (High-Z) | *Key: L=Low, H=High, X=Don't Care, Z=High Impedance* --- ### 3. Pin Configuration (DIP-20) The 20 pins are arranged to facilitate easy PCB routing for bus lines. | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | $1\overline{G}$ | Output Enable 1 (Active Low) | | 2, 4, 6, 8 | $1A1 - 1A4$ | Data Inputs (Group 1) | | 18, 16, 14, 12 | $1Y1 - 1Y4$ | Inverted Data Outputs (Group 1) | | 19 | $2\overline{G}$ | Output Enable 2 (Active Low) | | 11, 13, 15, 17 | $2A1 - 2A4$ | Data Inputs (Group 2) | | 9, 7, 5, 3 | $2Y1 - 2Y4$ | Inverted Data Outputs (Group 2) | | 10 | GND | Ground | | 20 | $V_{CC}$ | Power Supply | --- ### 4. Application Use Cases * **Bus Driving:** Driving long signal lines or highly capacitive loads in 8-bit microprocessor systems. * **Memory Address Decoding:** Used to buffer address lines between the CPU and RAM/ROM. * **Signal Inversion:** Used when the logic of a control signal needs to be flipped while providing current amplification. * **Isolation:** The 3-state outputs allow multiple devices to share the same bus line without interference when the chip is disabled. --- ### 5. Circuit Example (Basic Usage) To use this chip as a simple 8-bit inverter, connect pins 1 and 19 to Ground (GND). ```c // Pseudocode for Hardware Implementation If (Enable_Pin == LOW) { Output_Y = NOT(Input_A); } else { Output_Y = High_Impedance; } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the TC74HC240AP and the TC74HC244AP?
    • ⤷ How does the 'High-Impedance' state prevent bus contention?
    • ⤷ What are the power consumption characteristics of this CMOS IC compared to TTL?