データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCDA1109-R25M

  • AI
    The **TCDA1109-R25M** is a high-performance, surface-mount (SMT) power inductor typically used in high-frequency DC-DC converters, voltage regulator modules (VRMs), and power supply units. Below is a detailed breakdown of its electronic characteristics and construction. --- ### 1. Key Technical Specifications While specific parameters can vary slightly by manufacturer (often associated with brands like **Mag.Layers** or **TDK**), the part number breakdown typically follows these standards: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.25 µH (denoted by R25) | | **Tolerance** | ±20% (denoted by M) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Material Core** | Carbonyl Iron or Metal Alloy Powder | | **Shielding** | Magnetically Shielded (Low EMI) | ### 2. Physical Construction The "TCDA" series usually refers to **Molded Power Inductors**. Unlike traditional wire-wound inductors with an exposed core, these parts feature: * **Integrated Molding:** The copper coil is placed inside a mold, and magnetic metal powder is pressed around it. This creates a solid, robust structure. * **Magnetically Shielded:** Because the magnetic material surrounds the coil, the magnetic flux leakage is very low, preventing interference with nearby components. * **High Current Density:** The flat-wire or thick-wire construction inside allows for very low DC Resistance (DCR). ### 3. Electrical Performance Features * **High Saturation Current ($I_{sat}$):** Because of the metal powder core, these inductors exhibit "soft saturation." They do not lose inductance abruptly when the current increases, making them stable under heavy loads. * **Low DCR:** The design minimizes energy loss due to heat, which improves the overall efficiency of the power circuit. * **Frequency Range:** Optimized for high-speed switching frequencies (typically 500 kHz to 5 MHz), common in modern CPU and GPU power phases. ### 4. Common Applications Due to its low inductance (0.25 µH) and high current capability, the TCDA1109-R25M is ideal for: 1. **Motherboards & Servers:** Multi-phase VRMs for high-power processors. 2. **Graphic Cards (GPUs):** Handling rapid transitions in current demand. 3. **DC-DC Converters:** Point-of-Load (POL) modules where space is limited but power density must be high. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the TCDA1109-R25M?
    • ⤷ How does a metal powder core compare to a traditional ferrite core?
    • ⤷ What are the physical dimensions of the 1109 package size?