データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCDA1109-R50M

  • AI
    The **TCDA1109-R50M** is a high-performance power inductor, typically utilized in automotive and industrial electronics for power management and voltage regulation. It belongs to a category of surface-mount devices (SMD) designed to handle high currents while maintaining a compact footprint. --- ### 1. Key Technical Specifications Below are the estimated technical parameters for this specific part number based on standard industry naming conventions (where "R50" typically denotes 0.50 µH): | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Inductance** | 0.50 | µH | | **Tolerance** | ±20% | % | | **Inductance Code** | R50 | - | | **Mounting Type** | SMD (Surface Mount) | - | | **Shielding** | Shielded (Magnetic) | - | | **Operating Temp** | -40 to +125 (Typical) | °C | --- ### 2. Physical Characteristics & Construction The TCDA series is generally characterized by its **molded construction**: * **Core Material:** Usually a metal alloy powder. This allows for soft saturation characteristics, meaning the inductance doesn't drop off sharply when the current increases. * **Shielding:** The component is magnetically shielded to minimize Electromagnetic Interference (EMI), which is critical for dense PCB layouts. * **Terminals:** Features robust lead frames or solder pads designed to withstand high thermal stress and vibration, meeting **AEC-Q200** standards if designated for automotive use. --- ### 3. Functional Roles in Circuitry The TCDA1109-R50M serves three primary functions in electronic assemblies: 1. **Energy Storage:** In DC-DC Buck or Boost converters, it stores energy in its magnetic field during the "on" cycle of the switching transistor and releases it during the "off" cycle. 2. **Filtering:** It acts as a low-pass filter to smooth out ripples in the output current, ensuring a stable voltage for sensitive components like CPUs or FPGAs. 3. **Noise Suppression:** Due to its shielding, it prevents high-frequency switching noise from radiating to other parts of the circuit. --- ### 4. Typical Applications * **Automotive Systems:** ADAS sensors, infotainment power supplies, and LED lighting drivers. * **Industrial Electronics:** High-efficiency power modules and DC-DC converters. * **Computing:** Voltage Regulator Modules (VRM) for servers and high-end workstations.
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the TCDA1109-R50M?
    • ⤷ How does a metal alloy core differ from a traditional ferrite core in power inductors?
    • ⤷ Is this part AEC-Q200 qualified for automotive safety applications?