データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCFL1206CF-R39

  • AI
    The **TCFL1206CF-R39** is a specialized electronic component, specifically a **Thin Film Current Sensing Chip Resistor**. It is designed for high-precision applications where monitoring current flow is critical. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **TCFL** | Series Name | Thin Film Low Ohmic Current Sensing Resistor | | **1206** | Package Size | Imperial dimensions (0.12" x 0.06") or Metric 3216 | | **CF** | Tolerance/Feature | Often denotes "Custom" or specific accuracy/material grades | | **R39** | Resistance Value | **0.39 Ohms** (390 mΩ) | --- ### 2. Key Technical Specifications Based on the standard parameters for the TCFL series, here are the typical technical traits: * **Resistance:** 0.39 $\Omega$ (R39). * **Technology:** Thin Film (Metal foil or vacuum-sputtered thin film). This provides better stability and lower noise compared to thick film resistors. * **Power Rating:** Typically **0.25W to 0.5W** (standard for 1206 size thin film). * **Tolerance:** Usually available in high precision ranges (±0.5% or ±1%). * **TCR (Temperature Coefficient of Resistance):** Very low (often ±50ppm/°C to ±100ppm/°C), ensuring the resistance doesn't change significantly as the part heats up. --- ### 3. Core Functions The primary role of the R39 resistor is **Current Sensing**. 1. **Voltage Drop Measurement:** By placing this resistor in series with a load, a small voltage drop occurs across it according to Ohm's Law ($V = I \times R$). 2. **Feedback Loop:** An Integrated Circuit (IC) measures this voltage drop to determine how much current is flowing through the circuit. 3. **Protection:** It is often used to trigger over-current protection if the measured voltage exceeds a safety threshold. --- ### 4. Common Applications Due to its thin-film construction and precision, it is found in: * **Battery Management Systems (BMS):** Monitoring charge/discharge rates. * **DC-DC Converters:** Controlling output current. * **LED Drivers:** Ensuring constant current to high-power LEDs. * **Precision Power Supplies:** For laboratory or medical equipment. --- ### 5. Schematic Representation In a circuit diagram, it is represented as a standard resistor but is often labeled as $R_{sense}$ or $R_{shunt}$. ```text [V_in] ----+----[ Load ]----+----[ R39 ]---- [GND] | | +--[ Sense Pin ]-+ ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the TCFL1206CF-R39?
    • ⤷ How does a thin film resistor compare to a thick film resistor in current sensing?
    • ⤷ What are the footprint dimensions for a 1206 SMD package in millimeters?