データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCFL1206CF-R62

  • AI
    The **TCFL1206CF-R62** is a surface-mount electronic component, specifically a **Current Sense Chip Resistor** (often referred to as a Metal Foil Low Ohmic Resistor). Below is a detailed breakdown of its specifications and characteristics. --- ### 1. General Specifications The part number follows a standard nomenclature for Thin Film or Metal Foil resistors. Here are the core parameters: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Current Sense Resistor (Metal Foil) | | **Package Size** | 1206 (Imperial) / 3216 (Metric) | | **Resistance Value** | 0.62 $\Omega$ (620 m$\Omega$) | | **Tolerance** | Usually $\pm1\%$ (denoted by 'F') | | **Technology** | Metal Foil on Ceramic Substrate | --- ### 2. Part Number Breakdown Understanding the code helps in identifying the exact physical and electrical properties: * **TCFL**: Series prefix (typically stands for Thin Film/Metal Foil Current Low Ohmic). * **1206**: The physical dimensions (0.12 inches x 0.06 inches). * **CF**: Often indicates the temperature coefficient (TCR) and the tolerance (F = 1%). * **R62**: The resistance value. "R" acts as the decimal point ($0.62$). --- ### 3. Key Technical Features Current sense resistors like the TCFL1206CF-R62 are engineered for specific performance metrics that standard thick-film resistors cannot meet: * **Low TCR (Temperature Coefficient of Resistance):** These parts are designed to maintain a stable resistance value even as they heat up due to current flow. * **High Precision:** Because they are used to measure current (via Ohm's Law $V=I \times R$), a 1% tolerance is critical for accurate sensor readings. * **Inductance:** Being "Metal Foil," they typically have very low parasitic inductance, making them suitable for high-frequency switching power supplies. --- ### 4. Common Applications This specific part is used in circuits where monitoring the flow of electricity is necessary: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles. 2. **DC-DC Converters:** Providing feedback to the controller to prevent overcurrent conditions. 3. **Motor Control:** Sensing the load on a motor to adjust torque or speed. 4. **LED Drivers:** Ensuring a constant current is supplied to LEDs for uniform brightness. --- ### 5. Calculation Example If you use this resistor in a circuit and measure a voltage drop of **0.31V** across it, you can calculate the current ($I$) as follows: ```python # Ohm's Law: I = V / R voltage_drop = 0.31 # Volts resistance = 0.62 # Ohms current = voltage_drop / resistance print(f"Current flowing: {current} Amperes") # Output: 0.5A ``` ---
    ✨ Follow-up Questions
    • ⤷What is the power rating (Wattage) for a typical 1206 metal foil resistor?
    • ⤷ How does 'Metal Foil' technology differ from 'Thick Film' in current sensing?
    • ⤷ What are the soldering layout recommendations for 1206 current sense resistors?