データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-0G-R

  • AI
    The **TCS-0G-R** is a specialized high-performance electronic component, primarily known as a **current-sensing resistor** or a specific type of **thermal cutoff/protection device**, depending on the manufacturer's series (most commonly associated with Bourns or similar precision component makers). Below is a breakdown of its technical aspects and characteristics. --- ### 1. Key Technical Specifications While specific parameters can vary slightly based on the manufacturer's suffix, the general profile for the TCS series (specifically the 0G-R variant) is as follows: | Feature | Description | | :--- | :--- | | **Component Type** | Current Sense Resistor / Circuit Protector | | **Resistance Value** | Extremely Low (typically in the milliohm $\text{m}\Omega$ range) | | **Tolerance** | $\pm 1\%$ to $\pm 5\%$ | | **Package Style** | Surface Mount (SMD) | | **RoHS Compliant** | Yes (Lead-free) | | **Temperature Range** | $-55^\circ\text{C}$ to $+155^\circ\text{C}$ | ### 2. Physical Construction The "0G-R" series is designed for durability and precision: * **Substrate:** High-grade ceramic or metal alloy substrate for heat dissipation. * **Coating:** Protective epoxy or glass layer to prevent oxidation and environmental damage. * **Terminals:** Tin-plated copper for excellent solderability and low contact resistance. ### 3. Primary Functions The TCS-0G-R serves two main roles in an electronic circuit: 1. **Current Monitoring:** By placing this low-resistance part in series with a load, a controller can measure the voltage drop across it to calculate the exact current flow ($I = V/R$). 2. **Overcurrent Protection:** In some configurations, these act as "fusible" resistors. If the current exceeds a specific threshold, the component's thermal properties cause it to increase resistance or open, protecting sensitive downstream ICs. ### 4. Common Applications Due to its precision and small form factor, it is widely used in: * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in Li-ion batteries. * **Power Supplies:** Feedback loops for DC-DC converters. * **Motor Controllers:** Detecting stalls or over-torque conditions by monitoring current spikes. * **Consumer Electronics:** Smartphones and laptops for power distribution management. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the '0G' variant compared to other models?
    • ⤷ Can this component be used as a primary fuse for high-voltage applications?
    • ⤷ What are the recommended soldering profiles for this SMD package?