データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-10-R

  • AI
    The **TCS-10-R** is a specific model of a **Current Sensing Transformer** (often associated with brands like Talema or various industrial component manufacturers). These components are critical in power electronics for monitoring current without breaking the circuit. --- ### 1. Key Technical Specifications The electronics of the TCS-10-R are designed for precision and safety. Below are the typical parameters for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Primary Current** | 10A (Nominal) | | **Turns Ratio** | 1:1000 | | **Secondary Resistance** | ~40 - 60 Ohms | | **Frequency Range** | 50Hz - 400Hz | | **Dielectric Strength** | 4kV (Primary to Secondary) | | **Mounting Type** | PCB Through-Hole | --- ### 2. Electronic Composition The TCS-10-R consists of several internal electronic and physical parts that work together to perform electromagnetic induction: * **Toroidal Core:** Usually made of high-permeability Mu-Metal or Grain-Oriented Silicon Steel. This core concentrates the magnetic flux generated by the primary wire. * **Secondary Winding:** Fine copper wire wound around the core. In a 1:1000 ratio, for every 1 Amp passing through the center hole, 1mA is generated in the secondary winding. * **Encapsulation:** The internal parts are potted in an epoxy resin. This provides environmental protection and high electrical insulation. * **Terminals:** Two rigid pins designed for soldering directly onto a Printed Circuit Board (PCB). --- ### 3. Functional Operation The TCS-10-R operates on the principle of **Faraday’s Law of Induction**. 1. **Primary Input:** An AC conductor passes through the center hole (the "hole" acts as a single-turn primary). 2. **Magnetic Field:** As AC current flows, it creates a varying magnetic field in the toroidal core. 3. **Secondary Output:** This field induces a proportional current in the secondary winding. 4. **Burden Resistor:** To convert the output current into a readable voltage (for a microcontroller or ADC), a "Burden Resistor" must be placed across the two output pins. --- ### 4. Common Applications * **Overload Protection:** Detecting when a motor or heater is drawing too much current. * **Energy Metering:** Measuring power consumption in household or industrial devices. * **Load Sensing:** Confirming if a remote device (like a pump) is actually running by detecting current flow. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the correct burden resistor value for the TCS-10-R?
    • ⤷ What are the advantages of using a toroidal current transformer over a shunt resistor?
    • ⤷ Can the TCS-10-R be used to measure DC current?