AI

The **TCS-1D-R** is a specific electronic component often categorized within the realm of **Thermal Management** or **Solid State Switches**. Specifically, it is frequently identified as a **Thermal Cut-Off (TCO)** or a **Thermostat Switch** used in industrial and consumer electronics.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Core Technical Specifications
The TCS-1D-R is designed to open or close an electrical circuit based on temperature thresholds.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Bimetallic Thermal Switch / Snap-action Thermostat |
| **Contact Type** | Normally Closed (NC) - Opens upon reaching set temp |
| **Max Voltage** | 250V AC |
| **Max Current** | 5A to 10A (Depending on specific variant) |
| **Reset Type** | Automatic Reset (Resets once temp cools down) |
| **Tolerance** | ±5°C (Standard) |
---
## 2. Key Internal Components
The functionality of the TCS-1D-R relies on several internal electronic and mechanical parts:
### A. Bimetallic Disc
The "heart" of the component. It consists of two bonded metals with different thermal expansion coefficients. When heated, the disc snaps into a concave shape, physically moving the contacts.
### B. Stationary and Movable Contacts
* **Stationary Contact:** Fixed to the lead wire terminal.
* **Movable Contact:** Attached to a spring arm that reacts to the bimetallic disc’s movement. These are usually silver-plated to ensure low electrical resistance.
### C. Ceramic or Plastic Housing
The body is typically made of high-temperature resistant PBT plastic or ceramic (PPS) to ensure electrical insulation and structural integrity during high-heat events.
---
## 3. Circuit Application
In an electronic system, the TCS-1D-R is usually wired in **series** with the load (e.g., a motor or a heating element).
```mermaid
[Power Source] --- [TCS-1D-R] --- [Load/Motor] --- [Neutral]
```
* **Under Normal Conditions:** The bimetal disc is flat, contacts are closed, and current flows to the load.
* **Overheat Condition:** The disc snaps, pushing the contacts apart, breaking the circuit and preventing fire or component damage.
---
## 4. Common Applications
* **Power Supplies:** Protecting transformers from overheating.
* **Home Appliances:** Coffee makers, electric kettles, and hair dryers.
* **Automotive:** Protecting small DC motors (windshield wipers, seat adjusters).
* **Industrial:** Overheat protection for PCB heat sinks.
- ⤷
What is the specific trip temperature for the '1D' variant of this series?
- ⤷ How does the TCS-1D-R differ from a one-time thermal fuse?
- ⤷ Can the TCS-1D-R be used in DC circuits with high inductive loads?