データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-2C-R

  • AI
    The **TCS-2C-R** is a specific model of a **True Color Sensor** (often associated with industrial automation and PLC-driven systems). It is designed to detect and distinguish between different colors by analyzing the reflected light from an object. Below is a breakdown of the electronic components and technical specifications. --- ### 1. Core Electronic Components The internal architecture of a color sensor like the TCS-2C-R typically consists of the following modules: | Component | Function | | :--- | :--- | | **White LED Emitter** | Acts as the light source, providing a broad spectrum of light to illuminate the target. | | **RGB Photodiode Array** | Filters incoming light into Red, Green, and Blue components to convert light intensity into electrical signals. | | **Transimpedance Amplifier** | Converts the tiny current generated by the photodiodes into a usable voltage signal. | | **Microcontroller (MCU)** | Processes the analog signals, compares them against stored "learned" values, and triggers the output. | | **Potentiometers/Buttons** | Used for sensitivity adjustment and "teaching" the sensor a specific color. | --- ### 2. Technical Specifications The TCS-2C-R is characterized by its output logic and physical interface: * **Sensing Method:** Reflective (detects light bouncing off a surface). * **Output Type:** Relay or Transistor output (indicated by the "R" in some naming conventions, often standing for Relay or Remote). * **Detection Range:** Usually optimized for short distances (10mm to 50mm) to ensure color accuracy. * **Response Time:** Rapid switching (typically <1ms to 5ms) suitable for high-speed assembly lines. --- ### 3. Wiring and Pinout (General Layout) Standard industrial color sensors follow a 4-wire or 5-wire color-coding scheme: ```markdown 1. Brown (VCC): +12V to +24V DC Power Supply 2. Blue (GND): 0V / Common 3. Black (OUT): Control Output (NPN or PNP) 4. White (SET): Remote Teach/External Input ``` --- ### 4. Operating Principle 1. **Emission:** The sensor emits white light onto the target. 2. **Reflection:** The target absorbs certain wavelengths and reflects others based on its color. 3. **Reception:** The internal RGB filters separate the reflected light. 4. **Comparison:** The MCU compares the ratio of R, G, and B against the "Target Color" stored in memory during the calibration phase. 5. **Output:** If the color matches within a specific tolerance, the output circuit (Transistor or Relay) closes.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output in color sensors?
    • ⤷ How do you calibrate the TCS-2C-R for a specific material?
    • ⤷ Can this sensor detect transparent or metallic objects effectively?