データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-2F-R

  • AI
    The **TCS-2F-R** is a specific model of a **Miniature Signal Relay**, commonly manufactured by brands like **Original** or **OEG (TE Connectivity)**. These components are designed for low-power switching applications in telecommunications and signal processing. ### 1. Technical Specifications Below are the primary electronic characteristics of the TCS-2F-R: | Parameter | Specification | | :--- | :--- | | **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) | | **Coil Voltage (Nominal)** | 12V DC (Standard for the -R series) | | **Contact Rating (Resistive)** | 1A at 24V DC / 0.5A at 120V AC | | **Max Switching Power** | 30W / 62.5VA | | **Max Switching Voltage** | 220V DC / 250V AC | | **Coil Power Consumption** | Approx. 150mW to 200mW (High sensitivity) | | **Mounting Type** | Through-Hole (PCB) | --- ### 2. Key Electronic Components & Internal Structure The relay operates through the interaction of three main electronic parts: #### A. The Electromagnetic Coil * **Function:** When voltage is applied to the coil pins, it creates a magnetic field. * **Feature:** The "TCS" series typically utilizes a high-sensitivity coil, meaning it requires very little current to trigger, making it compatible with direct transistor or IC drives. #### B. Contact Mechanism (DPDT) * **DPDT Structure:** It contains two separate sets of switch contacts that operate simultaneously. * **Material:** Often gold-plated silver alloy. Gold plating ensures low contact resistance, which is critical for "Dry Circuit" (low voltage/low current) signal switching to prevent oxidation. #### C. The Armature and Spring * **Function:** The armature is the moving part that bridges the contacts. When the coil is de-energized, a mechanical spring returns the armature to its "Normally Closed" (NC) position. --- ### 3. Pin Configuration (Internal View) The TCS-2F-R usually follows a standard DIP-8 footprint: ```text +---U---+ 1 | o o | 8 (Coil) 2 | o o | 7 (Common 1 / Common 2) 3 | o o | 6 (NC 1 / NC 2) 4 | o o | 5 (NO 1 / NO 2) +-------+ ``` *(Note: Always verify the specific datasheet for the exact pin-out as manufacturers may vary slightly.)* --- ### 4. Typical Applications * **Telecommunications:** Switching telephone lines or modem signals. * **Audio Equipment:** Signal routing and muting circuits. * **Security Systems:** Triggering low-voltage alarms. * **Test & Measurement:** Routing signals in automated test equipment (ATE).
    ✨ Follow-up Questions
    • ⤷ What is the maximum coil voltage rating for the TCS-2F-R?
    • ⤷ Can this relay be driven directly by an Arduino or microcontroller GPIO pin?
    • ⤷ What is the difference between the 'R' suffix and other variants in this series?