データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-2F-R/BN

  • AI
    The **TCS-2F-R/BN** is a high-performance, ultra-compact mechanical relay, commonly classified under the **TCS series** (often associated with manufacturers like Takamisawa/Fujitsu or specialized industrial component providers). These parts are primarily used for signal switching in telecommunications, testing equipment, and medical devices. --- ### 1. Key Technical Specifications The "2F" designation typically indicates a **2 Form C (DPDT)** contact arrangement, while "R/BN" signifies specific coil sensitivities or contact materials. | Feature | Specification (Typical) | | :--- | :--- | | **Contact Form** | DPDT (2 Form C) | | **Contact Rating** | 1A @ 30VDC / 0.5A @ 125VAC | | **Max Switching Voltage** | 220VDC / 250VAC | | **Coil Type** | Non-polarized / Polarized (model dependent) | | **Package Style** | DIP (Dual In-line Package) | | **Contact Material** | Gold-overlay Silver Palladium | --- ### 2. Electronic Architecture & Functionality #### A. Contact Mechanism (DPDT) The device contains two independent sets of "Double Pole Double Throw" contacts. This allows the relay to switch two separate circuits simultaneously or reverse the polarity of a DC motor/signal. #### B. Coil Sensitivity The "BN" suffix often refers to a **high-sensitivity coil**. This means the relay requires very low power (mW) to trigger the electromagnetic field necessary to move the armature, making it compatible with direct logic-level driving (e.g., from a microcontroller with a transistor buffer). #### C. Signal Integrity Because these parts are designed for low-level signal switching: * **Low Contact Resistance:** Usually $<100m\Omega$. * **Gold Plating:** Prevents oxidation, ensuring reliable switching even when very low currents (micro-amps) are present. --- ### 3. Pinout Configuration (Standard DIP) The physical layout follows the standard telecom relay footprint: ```text Top View Diagram: +-----------------+ 1 | o o | 8 (Coil Pin +) 2 | o o | 7 (NC - Normally Closed) 3 | o o | 6 (NO - Normally Open) 4 | o o | 5 (COM - Common) +-----------------+ ``` --- ### 4. Common Applications * **Telecommunications:** PABX systems and modems. * **Measurement Tools:** Oscilloscopes and automated test equipment (ATE). * **Audio/Video:** Signal routing in high-fidelity switching matrices. * **Security:** Control panels and sensor loops.
    ✨ Follow-up Questions
    • ⤷ What is the nominal coil voltage for the 'BN' variant of this relay?
    • ⤷ Can this relay be used for high-power AC switching applications?
    • ⤷ What are the footprint dimensions for PCB mounting this component?