データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-2F-R/CE

  • AI
    The **TCS-2F-R/CE** is a specialized electronic component, typically classified as a **Relay** or a **Terminal Module with Relay** used in industrial automation, specifically within the Mitsubishi Electric or compatible PLC ecosystems. Below is an explanation of its electronic parts and specifications. ### 1. General Overview The TCS series usually refers to **Connector Terminal Blocks** that integrate relay functionality. The "2F" typically denotes a 2-point or specific form factor, and "R" indicates a Relay output type. --- ### 2. Key Electronic Components and Specifications | Feature | Specification / Description | | :--- | :--- | | **Output Type** | Relay (Mechanical Contact) | | **Rated Load Voltage** | Typically 24V DC / 240V AC | | **Contact Arrangement** | Normally Open (NO) / Form A | | **Connection Method** | Connector-to-Terminal conversion | | **Protection** | Often includes built-in surge absorbers (Diodes or Varistors) | | **Isolation** | Optical or Physical separation between input and output | --- ### 3. Detailed Electronic Breakdown #### A. Relay Units Inside the module, miniature mechanical relays are used to switch high-current or high-voltage loads using low-power control signals from a PLC. - **Coil Side:** Operates on low voltage (usually 24V DC). - **Contact Side:** Capable of handling AC or DC loads. #### B. Status Indicators (LEDs) Most modules in this series include Surface Mount Device (SMD) LEDs. - **Function:** To provide visual feedback on whether a specific output channel is energized. #### C. Protection Circuitry To ensure the longevity of the device and the PLC: - **Flyback Diodes:** Prevents voltage spikes when the relay coil is de-energized. - **Fuses:** Some variations include replaceable or soldered micro-fuses to protect against overcurrent. #### D. Interfacing (Connectors) - **Input Side:** Uses a high-density ribbon cable connector (like a MIL-standard connector) to interface directly with PLC output cards. - **Output Side:** Screw terminals or tension-clamp terminals for field wiring. --- ### 4. Application Context The TCS-2F-R/CE is used to: 1. **Amplify Signals:** Converting a low-current PLC transistor output to a high-current relay output. 2. **Voltage Level Shifting:** Allowing a 24V DC PLC to control a 220V AC motor starter or solenoid. 3. **Galvanic Isolation:** Protecting sensitive PLC internal circuits from field-side electrical noise and faults.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the TCS-2F-R/CE?
    • ⤷ How does the 'CE' suffix impact its international safety compliance?
    • ⤷ Is this module compatible with Mitsubishi MELSEC-Q series PLCs?