データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-2F-R/K

  • AI
    The **TCS-2F-R/K** is a specific model within the **TCS series** of high-precision electronic temperature controllers, commonly used in industrial and laboratory heating applications. Below is a breakdown of its electronic components and technical specifications. --- ## 1. Core Technical Specifications The TCS-2F-R/K is designed for modular integration. The letters "R/K" usually denote the output type and sensor compatibility. | Feature | Specification | | :--- | :--- | | **Input Sensor Type** | K-Type Thermocouple (Chromel-Alumel) | | **Output Type** | Relay Contact (R) or Voltage Pulse for SSR | | **Control Mode** | PID Control (Proportional-Integral-Derivative) | | **Power Supply** | Typically 100-240V AC, 50/60 Hz | | **Mounting Style** | Panel Mount (Plug-in base or Fixed) | --- ## 2. Key Electronic Components ### A. The Microcontroller (MCU) The brain of the unit is a high-speed CMOS microprocessor. It processes the analog signals from the thermocouple, converts them to digital data via an **A/D Converter**, and executes the PID algorithm to calculate the necessary power output. ### B. Input Stage (Signal Conditioning) * **Cold Junction Compensation (CJC):** Since thermocouples measure the difference between two junctions, the internal circuit includes a thermistor or semiconductor sensor to compensate for the ambient temperature at the controller terminals. * **Amplifier:** High-gain instrumentation amplifiers boost the millivolt (mV) signal from the K-type thermocouple to a level the MCU can read. ### C. Output Switching (The "R" in R/K) * **Electromechanical Relay:** If it is the "R" variant, it contains a mechanical relay capable of switching resistive loads (typically 3A to 5A at 250VAC). * **SSR Driver:** In some configurations, it provides a 12V DC pulse to trigger an external **Solid State Relay (SSR)** for faster, noise-free switching. --- ## 3. Operation and Interface The electronic interface usually consists of the following: 1. **Dual LED Display:** * **PV (Process Value):** Displays the current temperature in Red. * **SV (Set Value):** Displays the target temperature in Green. 2. **Keypad Matrix:** Tactile switches for navigating the parameter menu (Proportional band, Reset time, Rate time). 3. **Alarm Circuits:** Internal logic that triggers auxiliary relays if the temperature exceeds "High" or "Low" safety limits. --- ## 4. Wiring Diagram Overview *Terminal configurations may vary by manufacturer, but generally follow this logic:* | Terminals | Function | | :--- | :--- | | **1 - 2** | Power Supply (L, N) | | **3 - 4 - 5** | Control Output (Common, NO, NC) | | **6 - 7** | K-Type Thermocouple Input (+ and -) | | **8 - 9** | Alarm Output (Optional) | ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the PID settings on a TCS-2F controller?
    • ⤷ What is the difference between the R and K suffix in this model number?
    • ⤷ Can I use a PT100 sensor with the TCS-2F-R/K?