データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-2F-R/Q

  • AI
    The **TCS-2F-R/Q** refers to a specific series of high-frequency, surface-mount (SMT) coaxial relays, typically manufactured by companies like **Teledyne Relays**. These components are critical in RF (Radio Frequency) switching applications. Below is a breakdown of its technical specifications and electronic characteristics. ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Relay Type** | Electromechanical Coaxial Relay | | **Configuration** | DPDT (Double Pole Double Throw) or SPDT (Single Pole Double Throw) | | **Mounting Type** | Surface Mount (SMT) | | **Frequency Range** | DC up to 3 GHz (typical for TCS series) | | **Package Style** | Low-profile, shielded housing | --- ### 2. Key Electronic Components & Features #### A. Internal Contact System The "2F" in the part number usually indicates a specific contact arrangement or mounting footprint. * **Gold-Plated Contacts:** Used to ensure low contact resistance and prevent oxidation over time. * **High Isolation:** Designed to prevent signal leakage between open ports, crucial for high-speed data and RF signals. #### B. Coil Characteristics The relay operates using an electromagnetic coil. * **Voltage:** Usually available in 5V, 12V, or 24V variants (check the specific suffix for voltage). * **Power Consumption:** Designed for low power dissipation to minimize heat in compact PCB layouts. #### C. Signal Integrity Parameters These parts are engineered for specific RF performance metrics: 1. **Insertion Loss:** The loss of signal power resulting from the insertion of the relay (typically < 0.2dB). 2. **VSWR (Voltage Standing Wave Ratio):** Measures how efficiently RF power is transmitted through the relay (typically < 1.2:1). 3. **Crosstalk/Isolation:** The ability to keep the "off" channel from interfering with the "on" channel (typically > 30-40dB at 1GHz). --- ### 3. Part Number Suffix Breakdown While naming conventions vary slightly by manufacturer, the **R/Q** suffix usually denotes: * **R:** Often indicates "RoHS Compliant" (lead-free) or "Tape and Reel" packaging for automated assembly. * **Q:** In many electronic standards, "Q" stands for "AEC-Q" (Automotive Grade) or high-reliability testing/screening. --- ### 4. Typical Application Circuit In a circuit, the TCS relay is used to route high-frequency signals between different paths (e.g., switching between an antenna and two different transceivers). ```c // Simplified logic for controlling the relay coil void switchRelay(int state) { if (state == HIGH) { digitalWrite(RELAY_PIN, HIGH); // Activates coil, switches RF path } else { digitalWrite(RELAY_PIN, LOW); // Deactivates coil, returns to default path } } ``` --- ### 5. Common Applications * **Telecommunications:** Base station switching and signal routing. * **Test & Measurement:** Automated test equipment (ATE) for high-speed digital signals. * **Medical Equipment:** RF routing in imaging devices. * **Military/Aerospace:** High-reliability communication switching.
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage rating for the R/Q variant?
    • ⤷ How does the insertion loss of this relay change as frequency increases toward 3GHz?
    • ⤷ Are there specific PCB layout recommendations for the SMT footprint of this relay?