データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-30-R

  • AI
    The **TCS-30-R** is an electronic weighing indicator (often part of a platform scale system) widely used in industrial and commercial environments. Below is a breakdown of its primary electronic components and their functions. --- ### 1. Core Electronic Components | Component | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "brain" of the device. | Processes digital signals, handles unit conversions (kg/lb), and manages the display logic. | | **A/D Converter** | High-precision Analog-to-Digital converter. | Converts the analog voltage from the load cell into a digital value the MCU can understand. | | **Load Cell Interface** | 4-wire or 6-wire connector. | Receives signals from the strain gauges located under the weighing platform. | | **LED/LCD Display** | Red LED segments or Backlit LCD. | Shows weight, unit price, and total price to the user. | --- ### 2. Power System Architecture The TCS-30-R is designed for portability and continuous operation. Its power circuit generally consists of: 1. **AC Transformer/Adapter:** Converts high-voltage AC (110V/220V) to low-voltage DC (typically 6V or 9V). 2. **Internal Rechargeable Battery:** Usually a **4V or 6V Lead-Acid battery**. This allows the scale to function during power outages. 3. **Charging Circuit:** Manages the current flow to the battery to prevent overcharging and ensures the device runs on AC when plugged in. --- ### 3. Input and Feedback Hardware * **Tactile Keypad:** A matrix-style membrane or button pad used for "Tare," "Zero," and entering unit prices. * **Buzzer/Beeper:** Provides acoustic feedback for key presses or alerts the user if the weight exceeds the maximum capacity (Overload Warning). * **Levelling Sensor:** Some models include a simple electronic or manual level to ensure the load cell is perpendicular to gravity for accurate measurement. --- ### 4. Technical Specifications Summary ```json { "part_number": "TCS-30-R", "max_capacity": "30kg", "precision_class": "Class III", "display_type": "High-visibility LED", "power_source": "AC 220V + DC 4V/6V Rechargeable Battery", "connectivity": "RS232 (Optional in some variants for PC/Printer)" } ``` --- ### 5. Maintenance and Troubleshooting If the device shows "Err" or unstable readings, the electronic fault usually lies in: * **Low Battery Voltage:** Causes the A/D converter to produce "drift." * **Damaged Load Cell Wiring:** Moisture or physical strain can break the signal wires. * **Calibration Data Loss:** The EEPROM chip may require a recalibration sequence using standard weights.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the TCS-30-R scale?
    • ⤷ What is the pinout for the load cell connector?
    • ⤷ Can the TCS-30-R be connected to a computer via RS232?