データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-34-R

  • AI
    The **TCS-34-R** is an industrial-grade, non-contacting temperature sensor (Thermocouple System) often utilized in specific machinery like plastic extrusion, packaging, or HVAC systems. Below is a breakdown of its electronic components and specifications. --- ### 1. Core Electronic Specifications The TCS-34-R typically functions as a **Type J or K Thermocouple** assembly. Its electronic profile is defined by how it converts thermal energy into a millivolt (mV) signal. | Feature | Specification | | :--- | :--- | | **Sensor Type** | Thermocouple (usually Type J - Iron/Constantan) | | **Output Signal** | Low-level Millivolts (mV) | | **Temperature Range** | 0°C to 400°C (Standard) | | **Termination** | Standard Plug or Spade Lugs | | **Protection Tube** | Stainless Steel (304 or 316) | --- ### 2. Key Electronic Components #### A. The Sensing Junction At the tip of the "R" (Right-angle) probe, two dissimilar metals are welded together. * **Seebeck Effect:** When the tip is heated, a small voltage is generated across the wires. * **Grounded vs. Ungrounded:** The TCS-34-R is often "Grounded" (connected to the outer sheath) for faster response times or "Ungrounded" for electrical isolation to prevent ground loops. #### B. The Lead Wires The wires are not standard copper; they are matched to the thermocouple type. * **Insulation:** Usually Fiberglass or Teflon (PTFE) to withstand high ambient heat. * **Shielding:** Many versions include a stainless steel overbraid to protect the signal from Electromagnetic Interference (EMI) caused by nearby motors. #### C. The "R" Configuration (Physical-Electronic Layout) The "R" stands for the **Right-Angle** bend. From an electronic standpoint, this design protects the lead wire exit from mechanical stress and heat rising directly from the process point, preventing insulation melting and short circuits. --- ### 3. Wiring Configuration Most TCS-34-R units follow standard color-coding for the electronic connection to a PID controller or PLC: ```yaml Type J (Standard): - Positive (+): White (Iron) - Negative (-): Red (Constantan) Type K (Alternate): - Positive (+): Yellow (Chromel) - Negative (-): Red (Alumel) ``` --- ### 4. Integration with Controllers Because the TCS-34-R outputs a raw analog mV signal, it requires: 1. **Cold Junction Compensation (CJC):** The receiving electronic device must compensate for the temperature at the connection point. 2. **High Input Impedance:** To ensure the tiny voltage signal is not degraded before being digitized.
    ✨ Follow-up Questions
    • ⤷ How do I test if the TCS-34-R sensor is burnt out using a multimeter?
    • ⤷ What is the difference between the TCS-34-R and a standard RTD sensor?
    • ⤷ Can this sensor be used with an Arduino or ESP32?