データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-3F-R/BN

  • AI
    The **TCS-3F-R/BN** is a specific model within the series of **Tactile Switches** (often referred to as push-button switches) commonly used in consumer electronics, automotive interfaces, and industrial controls. Below is a detailed breakdown of its electronic parts and specifications. --- ### 1. General Specifications The "TCS" series typically refers to a standard tactile switch profile. The suffix "R/BN" usually denotes the specific physical orientation (Right Angle) and the color/material of the stem. | Feature | Description | | :--- | :--- | | **Switch Type** | Tactile (Momentary Push Button) | | **Mounting Type** | Through-hole (Right Angle / Side Actuation) | | **Circuit Configuration** | SPST (Single Pole Single Throw) | | **Actuation Force** | Typically 160gf to 250gf (depending on specific revision) | | **Contact Rating** | 50mA @ 12V DC | --- ### 2. Internal Electronic Components A tactile switch like the TCS-3F-R/BN is composed of several precision-engineered parts that ensure electrical continuity upon physical press: #### A. The Contact Dome (The "Snap" Element) * **Material:** Stainless steel or Phosphor bronze with silver plating. * **Function:** This is the heart of the switch. When pressed, it deflects to bridge the gap between two internal terminals, completing the circuit. It also provides the "click" sound and tactile feedback. #### B. Terminals/Pins * **Material:** Brass with Silver or Gold plating. * **Design:** These are the leads that are soldered onto the PCB. In the **R** (Right Angle) configuration, these pins are bent at a 90-degree angle to allow the button to be pressed from the side of the device. #### C. The Base (Housing) * **Material:** High-temperature Thermoplastic (e.g., LCP or Nylon). * **Function:** Holds the terminals in place and provides insulation between the electrical contacts. #### D. The Actuator (Stem) * **Material:** Polyacetal (POM) or similar hard plastic. * **Function:** The physical part the user presses. The "BN" suffix often indicates the height or color (Brown/Black) of this stem. --- ### 3. Electrical Characteristics When integrating this part into a circuit, the following electrical parameters are critical: ```cpp // Typical Electrical Parameters for TCS-3F Series Contact_Resistance: < 100 mOhms (Initial) Insulation_Resistance: > 100 MOhms at 100V DC Dielectric_Strength: 250V AC for 1 minute Bounce_Time: < 5ms (Crucial for microcontroller debouncing) Life_Expectancy: 50,000 to 100,000 cycles ``` --- ### 4. Typical Application Circuit Because this is a momentary SPST switch, it is most commonly used as a digital input for microcontrollers (Arduino, ESP32, etc.). | Pin | Connection | Function | | :--- | :--- | :--- | | **Terminal 1** | Ground (GND) | Common reference | | **Terminal 2** | Digital IO Pin | Pulled HIGH via internal resistor; goes LOW when pressed | ---
    ✨ Follow-up Questions
    • ⤷What is the exact physical height of the TCS-3F-R/BN stem?
    • ⤷ How do I implement a hardware debounce circuit for this switch?
    • ⤷ What are the soldering temperature limits for the TCS series?