データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-4F-R/E

  • AI
    The **TCS-4F-R/E** is a specific series of high-precision, heavy-duty industrial scale components, typically associated with digital platform scales. It refers to the internal electronics used for strain gauge measurement and digital weight processing. ### Technical Specifications Overview | Feature | Description | | :--- | :--- | | **Component Type** | Digital Weight Indicator / Main Controller Board | | **Display Type** | LED or LCD (usually Red LED for 'R' variants) | | **Measurement Method** | Analog-to-Digital (A/D) Conversion | | **Power Supply** | AC 110V/220V or DC 4V-6V Rechargeable Battery | | **Communication** | RS-232 Serial Port (Optional in some models) | | **Accuracy Class** | OIML III equivalent | --- ### Core Electronic Parts & Functionality #### 1. A/D Converter (Analog to Digital) The heart of the TCS-4F-R/E is the A/D conversion chip (often the **HX711** or similar industrial-grade IC). * **Role:** It converts the tiny millivolt (mV) signals from the load cell (strain gauge) into a digital value that the microprocessor can understand. * **Precision:** Usually 20-bit or 24-bit resolution to ensure weight accuracy down to grams. #### 2. Microcontroller Unit (MCU) The board features an 8-bit or 32-bit MCU that handles the logic: * **Calibration Data:** Stores zero-point and span calibration in non-volatile memory (EEPROM). * **Filtering:** Implements digital filters to stabilize the weight reading if the platform is vibrating. * **Unit Conversion:** Switches between kg, lb, and oz. #### 3. Power Management Circuitry Since these scales are often portable, the electronic board includes: * **Charging Circuit:** Manages the 4V/6V Lead-Acid battery charging. * **Voltage Regulator:** Ensures a stable 5V excitation voltage is sent to the load cell, which is critical for measurement consistency. #### 4. Load Cell Interface The connection points for the external load cell sensor. It typically follows a 4-wire configuration: * **E+ / E-:** Excitation (Power to the sensor). * **S+ / S-:** Signal (Output from the sensor). --- ### Internal Board Components Table | Part | Function | | :--- | :--- | | **Electrolytic Capacitors** | Power smoothing and noise reduction. | | **Buzzer** | Provides audible feedback for "Overload" or "Stable Weight." | | **Tactile Switches** | Interface for "Tare," "Zero," and "Set" buttons. | | **Display Driver IC** | Controls the 7-segment LED digits. | --- ### Common Maintenance Indicators * **Error "LOBAT":** Low battery voltage detected by the ADC. * **Error "OL":** Overload—the signal from the load cell exceeds the software limit. * **Err 0 / Err 1:** Usually indicates a communication failure between the load cell and the A/D converter (check S+/S- wiring).
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the TCS-4F series indicator?
    • ⤷ What are the wiring diagrams for the 4-wire load cell connection?
    • ⤷ Can I upgrade the TCS-4F board to include an RS-232 port?