データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-4G-R/E

  • AI
    The **TCS-4G-R/E** is a specific cellular communication module typically used in industrial automation, elevator emergency systems, or IoT gateways. It is designed to bridge analog or serial systems with modern 4G LTE networks. Below is an explanation of its electronic components and specifications. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Network Support** | 4G LTE (with 3G/2G fallback) | | **Interface Ports** | RS-232, RS-485, and often an RJ11 for Voice/FXS | | **Input Voltage** | Typically 9V - 36V DC (Industrial grade) | | **SIM Slot** | Standard or Micro SIM (Push-pull type) | | **Antenna Connector** | SMA Female (50Ω impedance) | --- ### 2. Core Electronic Parts The device is composed of several critical subsystems: #### A. Cellular Baseband Engine This is the "heart" of the device. It usually contains a Quectel or SimCom module that handles the modulation and demodulation of radio signals. It manages the LTE protocol stack and data encryption. #### B. Power Management Circuit (PMIC) Industrial environments are prone to voltage spikes. The TCS-4G-R/E includes: * **Step-down Converters:** To drop 24V industrial power to 3.8V for the cellular module. * **TVS Diodes:** For Transient Voltage Suppression to protect against static and surges. #### C. Communication Controllers (Transceivers) * **MAX232 / MAX485:** These ICs convert the logic-level signals from the microcontroller into the high-voltage or differential signals required for RS-232 or RS-485 serial communication. * **SLIC (Subscriber Line Interface Circuit):** If the model features the "/E" (often denoting Emergency/Elevator voice), it includes a chip that mimics a traditional landline, providing "Battery, Overvoltage, Ringing, Supervision, and Hybrid" (BORSCHT) functions. #### D. Microcontroller (MCU) An onboard ARM Cortex-M series processor usually acts as the "brain," managing data routing between the serial ports and the cellular modem, and handling "Heartbeat" packets to ensure the connection stays alive. --- ### 3. Indicator System (LEDs) The PCB typically includes a row of diagnostic LEDs: 1. **PWR:** Indicates the internal DC-DC converter is functioning. 2. **NET:** Flashes at different intervals to show network search vs. registered status. 3. **DATA:** Indicates active TX/RX traffic over the serial bus. --- ### 4. Application Context These parts are integrated to allow the following use cases: * **Elevator Monitoring:** Sending emergency voice calls over 4G when traditional phone lines are cut. * **Remote Telemetry:** Reading Modbus data from a PLC and uploading it to a cloud server via MQTT or Transparent Transmission. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency bands supported by the TCS-4G-R/E?
    • ⤷ How do you configure the APN settings on this module?
    • ⤷ Does this device support VoLTE for emergency voice calls?