データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-51-R

  • AI
    ## Electronic Components of the TCS-51-R The **TCS-51-R** is a high-precision digital weighing scale controller (indicator) widely used in industrial platform scales. Its electronic architecture is designed to convert analog signals from a load cell into a readable digital weight value. --- ### Core Electronic Modules The device consists of several critical subsystems: | Component Category | Description | Key Parts | |:---|:---|:---| | **Power Supply** | Converts AC to DC or manages battery power. | Transformer/Switching IC, 4V Lead-Acid Battery, Charging Circuit. | | **A/D Converter** | The "Brain" that converts analog force to digital data. | 20-bit or 24-bit High-Resolution Delta-Sigma ADC. | | **Microcontroller (MCU)** | Processes the digital signals and manages logic. | 8051-based or ARM Cortex-M series MCU. | | **Display Module** | Provides visual feedback to the user. | 6-digit LED (Red) or LCD with backlight. | | **Interface/IO** | Connects the indicator to external devices. | RS-232 Serial Port (optional), Load Cell Port (DB9 or 5-pin). | --- ### Detailed Component Analysis #### 1. The Load Cell Interface The electronic input is designed for a **strain gauge load cell**. - **Excitation Voltage:** Typically provides 5V DC to the load cell. - **Signal Input:** Receives millivolt (mV) signals, usually in the range of 0–20mV. - **Filtering:** Includes RC low-pass filters to remove high-frequency electronic noise before it reaches the ADC. #### 2. Mainboard Logic The PCB (Printed Circuit Board) contains: - **EEPROM:** A small memory chip (e.g., 24C02) that stores calibration data and user settings so they are not lost when power is turned off. - **Voltage Regulator:** Usually a 7805 or LM317 to ensure the MCU receives a steady 5V or 3.3V despite battery fluctuations. #### 3. Keyboard Matrix The TCS-51-R typically features a membrane or tactile switch keypad. - **Functions:** Tare, Zero, Accumulate, and Unit switching. - **Electronics:** A simple matrix circuit connected directly to the MCU’s GPIO pins. --- ### Technical Specifications Table | Feature | Specification | |:---|:---| | **Input Sensitivity** | 1.5uV/d to 3uV/d | | **Load Cell Excitation** | DC 5V, supports up to 4 x 350Ω load cells | | **A/D Resolution** | 1/30,000 (Internal resolution much higher) | | **Power Input** | AC 110V/220V or DC 4V/4Ah rechargeable battery | | **Operating Temp** | -10°C to +40°C | --- ### Typical Wiring Diagram (Load Cell Port) Most TCS series indicators use a standard 4-wire or 5-wire connection: ```text Pin 1: Excitation + (Red) Pin 2: Excitation - (Black) Pin 3: Signal + (Green) Pin 4: Signal - (White) Pin 5: Shield (Silver/Bare) ```
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the TCS-51-R if the weight readings are inaccurate?
    • ⤷ What are the common error codes (like Err 1 or Err 5) for this model?
    • ⤷ Can I replace the internal battery with a higher capacity one?