データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-53-R/CE

  • AI
    Based on the technical profile for the **TCS-53-R/CE**, this component is a **high-precision, non-contact rotary torque sensor**. It is widely used in industrial automation, testing rigs, and quality control for measuring torque on rotating shafts without physical wear. --- ## 1. Core Technical Specifications The electronic performance of the TCS-53-R/CE is defined by its ability to convert mechanical torsion into a stable electrical signal. | Parameter | Specification (Typical) | | :--- | :--- | | **Rated Capacity** | Varies (e.g., 5Nm to 500Nm) | | **Rated Output (Sensitivity)** | ±5V or 0-10V (DC) | | **Power Supply** | 24V DC (±10%) | | **Frequency Response** | 1 kHz - 5 kHz | | **Accuracy Class** | 0.1% to 0.2% F.S. | | **Non-linearity** | ≤ 0.1% F.S. | --- ## 2. Key Electronic Components & Technologies ### A. Non-Contact Transmission Unlike traditional slip-ring sensors, the "R" in the series often denotes **Rotary/Radio** or **Remote** induction. * **Transformer Technology:** It uses an internal rotary transformer to transfer power to the rotating shaft and send the torque signal back to the stationary housing. * **Advantage:** Eliminates brush wear, reduces electronic noise at high RPMs, and extends service life. ### B. Strain Gauge Bridge The heart of the sensor is a Wheatstone bridge circuit bonded to the internal torsion bar. * **Bridge Impedance:** Typically 350Ω or 700Ω. * **Function:** As torque is applied, the resistance changes proportionally. The internal electronics amplify this micro-volt signal into a standard voltage output. ### C. Signal Conditioning (CE Compliance) The "CE" suffix indicates that the electronic circuitry meets European safety and interference standards. * **EMI/EMC Shielding:** The internal PCB includes filters to prevent electromagnetic interference from motors or VFDs (Variable Frequency Drives). * **Integrated Amplifier:** Converts the raw millivolt signal into a robust high-level signal (±5V or ±10V) to reduce signal degradation over long cables. --- ## 3. Wiring Diagram (Generic 4-6 Pin Layout) The sensor typically utilizes a circular aviation-style connector. ```cpp // Typical Pin Configuration (Verify with specific manual) Pin 1: +24V DC (Power Input) Pin 2: 0V / GND (Common Power) Pin 3: Torque Signal Output (+5V / +10V) Pin 4: Signal Ground (Common Signal) Pin 5: Shield (Earth Ground) ``` --- ## 4. Application Considerations * **Zero-Point Adjustment:** The electronic module usually features a "Zero" potentiometer or a digital tare function to calibrate the output when no load is applied. * **RPM Limits:** Because the electronics are mounted on the shaft, there is a maximum centrifugal force limit (usually up to 6,000 or 10,000 RPM depending on the specific model).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the voltage output and frequency output versions of this sensor?
    • ⤷ How do I calibrate the TCS-53-R/CE using a PLC?
    • ⤷ What are the common causes of signal noise in non-contact torque sensors?