データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-5D-R/

  • AI
    The **TCS-5D-R** is a specific type of **Low Profile, Subminiature Signal Relay**. These components are widely used in telecommunications, security systems, and computer peripherals due to their small footprint and reliability in switching low-power signals. --- ### 1. Key Technical Specifications The "5D" in the part number typically refers to a **5V DC Coil Voltage**, and "R" often denotes specific packaging (like Tape & Reel) or high-sensitivity variants depending on the manufacturer (commonly brands like **Taiko** or **Generic clones**). | Parameter | Specification (Typical) | | :--- | :--- | | **Contact Form** | SPDT (1 Form C) | | **Nominal Coil Voltage** | 5V DC | | **Max Switching Current** | 1A to 2A | | **Max Switching Voltage** | 120V AC / 24V DC | | **Contact Material** | Gold-overlay Silver Alloy | | **Terminal Type** | PCB Through-hole | --- ### 2. Internal Electronic Components A relay like the TCS-5D-R consists of several internal parts that work together to perform the switching action: * **Electromagnetic Coil:** A fine copper wire wound around a core. When 5V DC is applied, it creates a magnetic field. * **Armature:** A moving lever that is attracted by the magnetic field of the coil. * **Contacts:** The actual "switch" points. The TCS series usually features gold-plated contacts to prevent oxidation and ensure low contact resistance for small signals. * **Spring:** Returns the armature to its original position (Normally Closed) once power is removed from the coil. --- ### 3. Connection Diagram (Standard Layout) Most TCS series relays follow a standard 5-pin layout: ```text Bottom View Layout: +-----------------+ | (1) (2) | <-- Coil Pins | | | (3) (4) | <-- NC (Normally Closed) & NO (Normally Open) | (5) | <-- COM (Common) +-----------------+ ``` --- ### 4. Implementation Circuit To safely drive a TCS-5D-R using a microcontroller (like an Arduino or ESP32), a protection circuit is required to handle the "Inductive Kickback" from the coil. ```cpp // Example of how to trigger the relay via a transistor // Components: NPN Transistor (2N2222), 1k Resistor, 1N4148 Diode [MCU Pin] ---- [1k Resistor] ---- [Base of Transistor] [Collector] ---- [Relay Coil Pin 1] [Emitter] ---- [GND] [5V VCC] ----------------------- [Relay Coil Pin 2] // IMPORTANT: Place a Flyback Diode (1N4148) across Coil Pin 1 and 2 // to prevent voltage spikes from destroying the transistor. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the power consumption of the TCS-5D-R coil?
    • ⤷ Can I use this relay to switch 220V AC household appliances?
    • ⤷ What are the common alternatives or equivalents to the TCS-5D-R relay?