データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-6B-R/E

  • AI
    The **TCS-6B-R/E** is a specific model of a **Liquid Level Sensor** (commonly known as a float switch or level control switch), often used in industrial machinery such as cooling systems, oil tanks, and chemical processing units. Below is an explanation of its electronic components, specifications, and wiring structure. --- ## 1. Technical Specifications The "R/E" designation usually refers to the contact type or the specific mounting configuration. | Feature | Specification (Typical) | | :--- | :--- | | **Switching Element** | Hermetically sealed Reed Switch | | **Contact Form** | SPST (Single Pole Single Throw) - Normally Open (NO) or Normally Closed (NC) | | **Max Contact Rating** | 50W (Standard) | | **Max Switching Voltage** | 250V AC / 200V DC | | **Max Switching Current** | 0.5A | | **Operating Temperature** | -10°C to +80°C (depending on material) | | **Material** | Usually Stainless Steel (SUS304/316) for the stem and float | --- ## 2. Key Electronic Components ### A. The Reed Switch The heart of the TCS-6B is the **Reed Switch**. It consists of two ferromagnetic blades (reeds) encapsulated in a glass tube. * **Mechanism:** When the magnetic float approaches the reed switch, the magnetic field pulls the blades together, completing the circuit. * **Durability:** Because it is vacuum-sealed, the contacts are protected from oxidation and environmental contaminants, ensuring a long life cycle. ### B. The Magnetic Float This is a hollow ring containing a permanent magnet. * **Function:** It moves up and down the stem as the liquid level changes. * **Electronic interaction:** It triggers the reed switch inside the stem without physical contact, providing galvanic isolation between the liquid and the electrical circuit. ### C. Wiring and Terminal * **Lead Wires:** Typically UL-approved heat-resistant wires (AWG 22-24). * **Protection:** Often includes an internal resistor or varistor in higher-end models to prevent arcing when switching inductive loads. --- ## 3. Wiring Diagram Principles The device acts as a simple dry-contact switch. It does not output voltage; it simply opens or closes a loop. ```text [ Power Source (+) ] ---- [ Load (Relay/PLC) ] ---- [ TCS-6B White Wire ] | (Internal Reed Switch) | [ Power Source (-) ] ------------------------------ [ TCS-6B Black Wire ] ``` --- ## 4. Maintenance and Electronic Precautions 1. **Inductive Loads:** If connecting to a motor or solenoid, you **must** use a protection diode (for DC) or a snubber circuit (for AC) to prevent back-EMF from welding the reed switch contacts together. 2. **Current Limits:** Never exceed the 0.5A switching limit. It is highly recommended to use the TCS-6B to trigger a **Relay** or a **PLC input** rather than driving a load directly. 3. **Polarity:** As a mechanical reed switch, it is generally non-polar, meaning wires can be swapped unless it includes a built-in LED indicator. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and E versions of the TCS-6B?
    • ⤷ How do I install a flyback diode to protect the TCS-6B reed switch?
    • ⤷ Can this sensor be used in corrosive chemicals or high-pressure tanks?