データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-74-R

  • AI
    The **TCS-74-R** is an electronic component primarily classified as a **Tactile Switch**. It is a sub-miniature, surface-mount (SMD) momentary switch designed for low-power signal switching in compact consumer electronics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Tactile Switch (Momentary) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Circuit** | SPST - NO (Single Pole Single Throw - Normally Open) | | **Current Rating** | 50mA | | **Voltage Rating** | 12V DC | | **Contact Resistance** | 100 mΩ Max | | **Operating Force** | Typically 160gf or 260gf (varies by sub-model) | | **Travel Distance** | 0.25mm ± 0.1mm | --- ### 2. Internal Electronic Construction The internal mechanism of the TCS-74-R consists of several critical layers that work together to complete an electrical circuit: 1. **The Actuator (Stem):** The physical button that the user presses. In the "R" series, this is often a raised or flat plastic stem. 2. **Contact Dome:** A metallic, spring-like disc. When pressed, it collapses (providing the "click" tactile feedback) and connects the stationary contacts. 3. **Stationary Contacts:** Two gold or silver-plated pads on the base of the switch. 4. **Base (Housing):** Usually made of heat-resistant thermoplastic (LCP or Nylon) to survive the SMT soldering process. 5. **Terminals:** The metal leads protruding from the side, designed to be soldered onto a PCB. --- ### 3. Functional Operation * **Idle State:** The metal dome is arched away from the bottom contacts. The circuit is **Open**. * **Actuated State:** Pressure is applied to the actuator. The dome collapses, making physical and electrical contact between the input and output terminals. The circuit is **Closed**. * **Release State:** The dome’s inherent elasticity pushes the actuator back to the original position, breaking the electrical connection. --- ### 4. Common Applications Due to its small footprint (usually around 6.0 x 6.0mm or smaller depending on specific manufacturer variations) and SMT design, it is found in: * **Consumer Electronics:** Remote controls, cameras, and handheld gaming devices. * **Peripherals:** Computer mice, keyboards, and printer control panels. * **Industrial:** Interface buttons on PLC modules or test equipment.
    ✨ Follow-up Questions
    • What are the footprint dimensions for the TCS-74-R soldering pads?
    • How does the 'R' suffix in the part number affect its physical orientation?
    • What is the expected mechanical life cycle (MTBF) for this switch?