データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-82-R/E

  • AI
    The **TCS-82-R/E** is a specific series of industrial limit switches, typically associated with safety monitoring and position detection in heavy-duty environments. The "R/E" suffix often denotes specific contact configurations (Standard vs. Electronic/High-Sensitivity). ### 1. Core Electronic & Electrical Specifications The electronic performance of these switches depends on the contact block installed within the housing. Below are the typical electrical parameters: | Feature | Specification | | :--- | :--- | | **Rated Voltage** | 250V AC / 125V DC (Typical) | | **Thermal Current ($I_{th}$)** | 10A | | **Contact Resistance** | < 25mΩ | | **Insulation Resistance** | > 100MΩ (at 500V DC) | | **Dielectric Strength** | 2,200V AC (between terminals) | | **Switching Frequency** | Up to 3,000 operations per hour | --- ### 2. Internal Components and Construction The TCS-82 series is designed with a focus on mechanical-to-electrical transduction. * **Contact Blocks:** These switches usually utilize a "Snap Action" mechanism. This ensures that the electrical transition occurs at a specific speed regardless of how slowly the external actuator is moved, preventing "arcing" and contact degradation. * **Terminal Design:** They feature M3 or M3.5 screw terminals with self-lifting pressure plates, designed to hold multi-strand wires securely in high-vibration environments. * **Built-in Reset (The "R" Suffix):** If the model includes an "R" designation, it often indicates a **Manual Reset** electronic feature. This means once the electrical circuit is broken, it remains open until a physical reset button is pressed, serving as a safety interlock. * **Galvanic Isolation:** The internal structure ensures high separation between the poles, allowing the switch to control two different voltage circuits simultaneously (e.g., one AC signal for a motor and one DC signal for a PLC). --- ### 3. Circuit Configuration (Contact Logic) The electronic logic is usually defined by the **Form C (SPDT)** or **2NC/2NO** configuration. ```mermaid graph LR A[Common Terminal] --- B{Actuator State} B -- Unpressed --> C[Normally Closed - NC] B -- Pressed --> D[Normally Open - NO] ``` * **Normally Closed (NC):** Completes the circuit when the switch is at rest. Used for Emergency Stops. * **Normally Open (NO):** Completes the circuit when the switch is triggered. Used for signaling or "end of travel" detection. --- ### 4. Environmental Protection Since these are electronic parts used in industrial settings, their "packaging" is critical for electrical integrity: 1. **Ingress Protection (IP67):** The housing is sealed to prevent moisture or dust from causing short circuits or oxidation on the gold or silver-alloy contacts. 2. **Cable Entry:** Usually features a G1/2 or M20 threaded entry to accommodate armored cable glands, ensuring the electrical connections remain isolated from the external environment.
    ✨ Follow-up Questions
    • ⤷ What is the difference between silver and gold-plated contacts in the TCS-82 series?
    • ⤷ How do you wire the TCS-82-R/E for a fail-safe emergency stop circuit?
    • ⤷ What is the maximum mechanical lifespan of the TCS-82-R/E internal switch?