データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TCS-N3-R

  • AI
    The **TCS-N3-R** is a specialized electronic component commonly used in weighing scales, industrial load cells, and digital balances. It primarily functions as a **Weight Indicator / Controller** or a specific high-precision **Analog-to-Digital (A/D) conversion module**. --- ### 1. Core Technical Specifications Below are the typical electronic characteristics found in the TCS-N3-R series: | Feature | Specification | |:---|:---| | **Power Supply** | AC 110V/220V or DC 4V/6V Rechargeable Battery | | **Input Signal Range** | 0mV ~ 12mV | | **A/D Conversion Speed** | 10 ~ 40 times per second | | **Load Cell Excitation** | DC 5V (Supports up to 4x 350Ω load cells) | | **Display Type** | LED or LCD with Backlight | | **Interface** | RS232 Serial Port (Optional for PC/Printer) | --- ### 2. Key Electronic Components The internal architecture of the TCS-N3-R consists of several critical stages: #### A. Analog Front-End (AFE) This section interfaces directly with the load cell. It includes: * **Precision Instrumentation Amplifier:** Boosts the millivolt signal from the strain gauges. * **Low-Pass Filter:** Removes high-frequency noise and vibration interference from the signal. #### B. The A/D Converter (ADC) The "heart" of the device. It typically uses a **Delta-Sigma (ΔΣ) converter** to provide high resolution (often up to 1/30,000 divisions). This converts the physical weight into a digital value the CPU can understand. #### C. Microcontroller Unit (MCU) The MCU handles the logic, including: * **Calibration Data:** Storing "zero" and "span" values in non-volatile memory (EEPROM). * **Unit Conversion:** Switching between kg, lb, and oz. * **Tare/Zero Functions:** Mathematical subtraction of container weights. #### D. Power Management Circuit Since these are often portable, the circuit includes: * **Charging Regulator:** Manages the lead-acid or lithium battery charging cycle. * **Low Voltage Detection:** Automatically shuts down the electronics to prevent battery deep-discharge. --- ### 3. Connection Pinout (Typical) Most TCS-N3-R modules utilize a 5-pin or 9-pin connector for the Load Cell: ```text Pin 1: Excitation + (E+) --> Red Wire Pin 2: Excitation - (E-) --> Black Wire Pin 3: Signal + (S+) --> Green Wire Pin 4: Signal - (S-) --> White Wire Pin 5: Shield (GND) --> Thick Black/Braid ``` --- ### 4. Common Troubleshooting Electronic Issues 1. **"Err 1" or "Err 2":** Often indicates an A/D over-range or under-range, usually caused by a damaged load cell or a disconnected signal wire. 2. **Unstable Readings:** Often caused by electromagnetic interference (EMI) or a failing filter capacitor in the power supply. 3. **No Power:** Check the transformer/rectifier bridge or the internal fuse.
    ✨ Follow-up Questions
    • ⤷How do I calibrate the TCS-N3-R indicator?
    • ⤷ What are the common error codes for this model?
    • ⤷ Can I connect this module to an Arduino or ESP32 via RS232?