データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TD1D25LSH-C

  • AI
    The **TD1D25LSH-C** is a specialized electronic component, typically categorized as a **DC-DC Converter** or an **Isolator Module**, often used in automotive or industrial power management systems. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Product Overview The TD1D25LSH-C is designed for high-efficiency power conversion where galvanic isolation is required. It is frequently associated with brands like **Mornsun** or specialized automotive electronics suppliers. | Feature | Specification | | :--- | :--- | | **Component Type** | Isolated DC-DC Converter / Transceiver Module | | **Input Voltage Range** | Typically 4.5V - 5.5V (Standard 5V logic) | | **Output Type** | Regulated or Unregulated (Model dependent) | | **Isolation Voltage** | 3000V DC or higher | | **Package Style** | SMD (Surface Mount Device) or DIP | --- ### 2. Key Internal Electronic Parts The module is an "All-in-One" solution, meaning several discrete components are integrated into a single compact housing: * **Integrated Transformer:** Provides the magnetic coupling required for electrical isolation between the input and output stages. * **Switching Controller:** A high-frequency PWM (Pulse Width Modulation) IC that manages power delivery and stabilizes output. * **Rectifier Diodes:** Convert the high-frequency AC from the transformer back into DC. * **Capacitive Filters:** Internal ceramic capacitors (MLCC) to reduce ripple and noise on the output line. * **Protection Circuitry:** Often includes Short Circuit Protection (SCP) and Thermal Shutdown features to prevent damage during fault conditions. --- ### 3. Pin Configuration & Functionality While specific pinouts vary by manufacturer, a standard "LSH" series module typically follows this logic: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **Vin** | Input Voltage (Positive) | | 2 | **GND** | Input Ground | | 3 | **Out -** | Isolated Output Ground | | 4 | **Out +** | Isolated Output Voltage | | 5-6 | **NC / Trim** | No connection or used for voltage adjustment | --- ### 4. Technical Applications Due to its high isolation and compact footprint, this part is commonly used in: 1. **BMS (Battery Management Systems):** To isolate logic signals from high-voltage battery packs. 2. **CAN Bus Isolation:** Providing clean power to CAN transceivers to prevent ground loops. 3. **Industrial Automation:** Protecting PLCs from high-voltage surges on the factory floor. 4. **Medical Equipment:** Ensuring patient safety by isolating the power supply from mains interference. --- ### 5. Implementation Example Here is how the module is represented in a basic schematic logic: ```c [ Power Source 5V ] ---> [ Vin (TD1D25LSH-C) GND ] | ( 3kV Isolation ) | [ Isolated Sensor ] <--- [ Vout+ (TD1D25LSH-C) Vout- ] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the TD1D25LSH-C?
    • ⤷ Can this module be used for CAN FD communication isolation?
    • ⤷ What are the recommended external filtering capacitors for this part?