データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TF201212-R33

  • AI
    The **TF201212-R33** is a surface-mount (SMD) multilayer chip inductor. This component is commonly used in high-frequency circuits and power management modules for filtering and noise suppression. --- ### 1. Key Technical Specifications The part number itself follows a standard naming convention that describes its physical size and electrical properties. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.33 µH (R33) | The nominal inductance value. | | **Tolerance** | ±20% (Typical) | The allowable variance from the nominal value. | | **Size Code** | 2012 (Metric) / 0805 (Imperial) | Dimensions: 2.0mm x 1.25mm. | | **Mounting Type** | SMD/SMT | Surface Mount Device. | | **Core Material** | Ferrite | High magnetic permeability for efficient storage. | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying equivalent parts: 1. **TF**: Often refers to the series (e.g., Thin Film or Multilayer Ferrite Inductor). 2. **2012**: The physical dimensions (Length x Width) in metric units (2.0mm x 1.25mm). 3. **12**: Represents the thickness/height (1.2mm). 4. **R33**: The inductance value. "R" acts as the decimal point; thus, 0.33 microhenries (µH). --- ### 3. Electrical Performance Features * **High Self-Resonant Frequency (SRF):** This part is designed to maintain its inductive properties into high-frequency ranges before parasitic capacitance takes over. * **Magnetic Shielding:** Because it is a multilayer ferrite construction, it has a closed magnetic circuit, which minimizes electromagnetic interference (EMI) and crosstalk with neighboring components. * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation during operation. --- ### 4. Typical Applications The TF201212-R33 is versatile and found in various consumer electronics: * **Smartphones & Tablets:** Used in DC-DC converter circuits to stabilize voltage. * **EMI Suppression:** Filtering high-frequency noise in signal lines. * **Communication Modules:** Matching circuits for Bluetooth or Wi-Fi modules. * **Portable Devices:** Ideal for space-constrained boards due to its small 0805 footprint. --- ### 5. Handling and Soldering * **Soldering:** Compatible with standard Lead-Free reflow soldering profiles. * **Packaging:** Usually supplied on Tape & Reel (T&R) for automated pick-and-place assembly.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irat) for the TF201212-R33?
    • ⤷ How does a ferrite multilayer inductor differ from a wire-wound inductor?
    • ⤷ What are the common alternatives for the 2012 metric package size?