データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TF201212-R47

  • AI
    The **TF201212-R47** is a surface-mount (SMD) multilayer chip inductor. It is commonly used in high-frequency circuits and power management modules where space is limited. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this type of component, here is the breakdown of its electrical characteristics: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.47 µH (indicated by "R47") | | **Case Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Case Size (Imperial)** | 0805 (0.08" x 0.05") | | **Tolerance** | Usually ±10% (K) or ±20% (M) | | **Material** | Ferrite core (Multilayer technology) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Part Number Breakdown The alphanumeric code follows a specific manufacturing logic: 1. **TF**: Series designation (often refers to Thin Film or Ferrite Multilayer). 2. **2012**: Physical dimensions (Length 2.0mm, Width 1.2mm). 3. **12**: Often refers to the height/thickness of the component (e.g., 1.2mm). 4. **R47**: The inductance value. The "R" acts as a decimal point. $0.47 \text{ microhenries (µH)}$. --- ### 3. Common Applications These inductors are designed for low-power, high-density electronic environments: * **Mobile Devices:** Used in smartphones and tablets for signal filtering. * **DC-DC Converters:** Acts as an energy storage element in small power modules. * **EMI Suppression:** Used to filter out high-frequency noise in communication lines. * **RF Circuits:** Matching networks and decoupling in wireless modules. --- ### 4. Technical Considerations When integrating the TF201212-R47 into a PCB design, keep the following in mind: * **DC Resistance (DCR):** Check the datasheet for the internal resistance to ensure minimal power loss (usually measured in Ohms). * **Rated Current ($I_{sat}$):** Ensure the circuit's operating current does not exceed the inductor's saturation point, which would cause the inductance to drop. * **Self-Resonant Frequency (SRF):** Ensure your operating frequency is well below the SRF to maintain inductive behavior.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the TF201212-R47?
    • ⤷ How does a multilayer inductor differ from a wire-wound inductor?
    • ⤷ What are the typical soldering temperature profiles for 0805 SMD components?