データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TK-366-R

  • AI
    The **TK-366-R** typically refers to a high-performance **GPS/GNSS Tracking Device** often used in fleet management, logistics, and vehicle security. Below is a breakdown of its primary electronic components and their functions. --- ### Core Electronic Components | Component Type | Function | Specifications / Details | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Logic & Processing | Acts as the "brain," managing data from the GPS and sending commands to the GSM module. | | **GNSS Module** | Positioning | Receives signals from GPS, GLONASS, and Galileo satellites for precise location tracking. | | **GSM/GPRS Module** | Communication | Uses a SIM card slot to transmit coordinates and alerts to a server or mobile phone via cellular networks. | | **Power Management IC** | Voltage Regulation | Handles a wide input range (typically 9V–36V DC) to protect internal circuits from vehicle power surges. | | **Internal Battery** | Backup Power | Usually a Lithium-Polymer (Li-Po) battery to allow tracking even if the vehicle's main battery is disconnected. | | **Motion Sensor** | G-Sensor/Accelerometer | Detects movement, vibration, or impact to trigger "Sleep Mode" or anti-theft alerts. | --- ### Technical Interface & Connectivity 1. **I/O Ports (Input/Output):** * **Digital Inputs:** Used for detecting ignition status (ACC), door openings, or panic buttons. * **Digital Outputs:** Used for triggering relays (e.g., remote engine cut-off). * **Analog Inputs:** Often used for fuel level sensors or temperature probes. 2. **LED Indicators:** * **Blue/Green LEDs:** Usually indicate GPS fix status and Cellular network connectivity. 3. **Antennas:** * Internal high-gain ceramic antennas for GPS. * Internal FPC antennas for GSM. ### Functional Circuit Design The circuitry is designed for **Industrial Grade** durability. Key features of the PCB (Printed Circuit Board) layout include: * **Reverse Polarity Protection:** Prevents damage if the power wires are connected incorrectly. * **ESD Protection:** Protects sensitive silicon components from static electricity and automotive electrical spikes. * **Low Power Consumption Mode:** The electronics are programmed to enter a "deep sleep" state when the vehicle is stationary to prevent draining the vehicle's battery.
    ✨ Follow-up Questions
    • ⤷ How do I wire the engine cut-off relay to the TK-366-R?
    • ⤷ What is the typical battery life of the internal backup battery?
    • ⤷ Which communication protocols does the TK-366-R support for server integration?