データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TL-R

  • AI
    The **TL-R** series (typically referring to TP-Link's line of Rackmount or Desktop VPN/Broadband Routers, such as the popular TL-R605 or TL-R480T+) is composed of several critical electronic components designed for network stability, high-speed data processing, and hardware-based security. Below is an overview of the electronic architecture and key parts found within these devices. --- ### 1. Main System Architecture The heart of a TL-R router is its Integrated Circuit (IC) design. Unlike consumer routers, these focus on **NAT throughput** and **packet handling**. | Component | Function | Common Specification | | :--- | :--- | :--- | | **SoC / CPU** | The "brain" that processes data packets and manages the OS. | Often MediaTek, Realtek, or Broadcom MIPS/ARM processors. | | **RAM (SDRAM)** | Temporary storage for routing tables and active connections. | DDR3 or DDR4, ranging from 128MB to 512MB+. | | **Flash Memory** | Stores the firmware (OS) and configuration files. | SPI Nor Flash or NAND Flash (e.g., 16MB - 128MB). | | **Switch Chip** | Manages physical Ethernet ports and VLAN tagging. | Integrated into SoC or a dedicated Gigabit Switch IC. | --- ### 2. Power Supply & Regulation Because these devices often run 24/7, the power management system is robust: * **PWM Controllers:** Regulate the voltage from the external adapter (usually 9V or 12V) down to the logic levels required by the CPU (1.1V, 1.8V, 3.3V). * **Electrolytic & Ceramic Capacitors:** Used for filtering noise and stabilizing the power flow to prevent reboots during high load. * **Protection Circuitry:** Includes TVS (Transient Voltage Suppressor) diodes to protect against static electricity (ESD) and minor surges through the power jack. --- ### 3. Ethernet Interface Components The physical ports require specific components to convert electrical signals into data: 1. **Ethernet Transformers (Magnetics):** Small black blocks located right behind the RJ45 ports. They provide electrical isolation and noise suppression to protect the internal circuitry from cable surges. 2. **PHY (Physical Layer) Transceivers:** Converts the digital data from the Switch Chip into the analog signals used over copper cables. 3. **LED Drivers:** Manage the status indicators (Link/Act, Speed, Power) on the front panel. --- ### 4. Hardware Security & Features On enterprise-grade TL-R models, you may find: ```c // Pseudo-representation of the Hardware Logic struct RouterHardware { bool Hardware_NAT; // Dedicated engine for fast internet routing bool IPsec_Engine; // Hardware acceleration for VPN encryption int Watchdog_Timer; // Automatically reboots the device if it freezes }; ``` * **Crystal Oscillators:** Small metal cans that provide the precise clock frequency (e.g., 25MHz or 40MHz) required for the CPU and Ethernet sync. * **Heat Sinks:** Passive aluminum fins attached to the SoC to dissipate heat without the need for noisy fans (in most desktop models). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Hardware NAT and Software NAT in TL-R routers?
    • ⤷ How do the magnetics in the RJ45 ports protect the router from lightning?
    • ⤷ Can the RAM in a TL-R router be upgraded manually?