データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TL072-S08-R

  • AI
    ## Overview of TL072-S08-R The **TL072-S08-R** is a high-speed, dual JFET-input operational amplifier (Op-Amp). It is widely recognized for its low power consumption, high slew rates, and low harmonic distortion, making it a staple in audio processing and high-fidelity applications. ### 1. Part Number Breakdown Understanding the suffix helps identify the specific physical and packaging attributes: | Component Segment | Meaning | | :--- | :--- | | **TL072** | Series name (Low-noise JFET-input dual Op-Amp) | | **S08** | Package type (SOP-8 / Small Outline Package) | | **R** | Packaging style (Tape & Reel) | --- ### 2. Technical Specifications The electrical characteristics define how the component behaves in a circuit: | Parameter | Value / Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual Op-Amp) | | **Input Type** | JFET (High Input Impedance) | | **Supply Voltage Range** | ±3.6V to ±18V (or 7V to 36V single supply) | | **Slew Rate** | 13 V/µs (Typical) | | **Gain Bandwidth Product** | 3 MHz | | **Input Bias Current** | 30 pA (Typical) | | **Low Harmonic Distortion** | 0.003% (Typical) | --- ### 3. Pin Configuration (SOP-8) The device follows the industry-standard dual Op-Amp pinout: 1. **OUTPUT A**: Output of the first amplifier. 2. **IN A-**: Inverting input of the first amplifier. 3. **IN A+**: Non-inverting input of the first amplifier. 4. **VCC-**: Negative power supply (or Ground). 5. **IN B+**: Non-inverting input of the second amplifier. 6. **IN B-**: Inverting input of the second amplifier. 7. **OUTPUT B**: Output of the second amplifier. 8. **VCC+**: Positive power supply. --- ### 4. Key Electronic Features * **High Input Impedance:** Because it uses JFET (Junction Field-Effect Transistor) inputs, it draws almost no current from the signal source, preventing "loading" of the circuit. * **Low Noise:** Designed specifically for audio applications where maintaining signal purity is critical. * **Internal Frequency Compensation:** Eliminates the need for external capacitors to maintain stability during operation. * **Latch-Up Free Operation:** Robust design prevents the device from getting stuck in a high-current state. ### 5. Common Applications * **Audio Preamplifiers:** Used in mixers and high-end audio equipment to boost signals. * **Active Filters:** Creating high-pass, low-pass, or band-pass filters with minimal signal degradation. * **Data Acquisition:** Interfacing sensors that have high output impedance. * **Integrators and Differentiators:** Standard analog computing blocks.
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the TL072 and the TL082?
    • ⤷ Can the TL072 be used with a single 5V power supply?
    • ⤷ Which manufacturers produce the TL072-S08-R variant?