データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TL331MDBVREP

  • AI
    ## TL331MDBVREP: Technical Overview The **TL331MDBVREP** is a high-performance, single differential comparator designed for industrial and automotive applications. It is part of the "Enhanced Product" (EP) series by Texas Instruments, which signifies rigorous testing and support for harsh environments. --- ### 1. Key Specifications The following table summarizes the primary electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Texas Instruments (TI) | | **Type** | Single Differential Comparator | | **Supply Voltage (Single)** | 2.0 V to 36.0 V | | **Supply Voltage (Dual)** | ±1.0 V to ±18.0 V | | **Low Supply Current** | 0.4 mA (typical) | | **Output Type** | Open Collector | | **Operating Temp Range** | -55°C to 125°C | | **Package / Case** | SOT-23-5 | --- ### 2. Core Functional Components #### A. Differential Input Stage The device features a high-impedance differential input. It compares the voltage levels between the non-inverting (+) and inverting (-) pins. Because it is designed to operate from a single power supply, the common-mode input voltage range includes ground (0V). #### B. Open-Collector Output The output stage is an **Open-Collector**. This is a critical design choice: * **Level Shifting:** It allows the output to interface with different logic voltages (e.g., 3.3V, 5V, or 15V) by using a pull-up resistor connected to the desired voltage rail. * **Wired-OR Logic:** Multiple TL331 outputs can be tied together to a single pull-up resistor to create a simple logic gate. #### C. Enhanced Product (EP) Features The "EP" suffix indicates specific "Military/Aerospace" grade enhancements: * **Gold Bond Wires:** Enhanced reliability against corrosion. * **Extended Temperature:** Operates reliably at extreme cold (-55°C) and extreme heat (125°C). * **Controlled Baseline:** One assembly site, one test site, and one fabrication site to ensure consistency. --- ### 3. Application Example The TL331 is frequently used in **Level Detection** or **Zero-Crossing** circuits. Below is a conceptual representation of how to wire the open-collector output: ```c // Conceptual Logic for a Voltage Monitor if (V_in > V_reference) { Output_Transistor = OFF; // Output pulled HIGH by external resistor } else { Output_Transistor = ON; // Output pulled LOW to Ground } ``` --- ### 4. Pin Configuration (SOT-23-5) 1. **OUT:** Output (Open Collector) 2. **VCC:** Power Supply (+) 3. **GND:** Ground (-) 4. **IN-:** Inverting Input 5. **IN+:** Non-Inverting Input ---
    ✨ Follow-up Questions
    • ⤷What is the maximum sink current for the open-collector output of the TL331MDBVREP?
    • ⤷ How does this 'EP' version differ from the standard TL331IDBVR?
    • ⤷ What size pull-up resistor is typically recommended for a 5V logic interface?