データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TL331MDBVTEP

  • AI
    ## Technical Overview: TL331MDBVTEP The **TL331MDBVTEP** is an enhanced product (EP) version of the standard TL331 low-power, single differential comparator. It is specifically designed for high-reliability applications, such as military, aerospace, or industrial systems that require rigorous qualification and monitoring. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Device Type** | Single Differential Comparator | | **Supply Voltage (Single)** | 2V to 36V | | **Supply Voltage (Dual)** | ±1V to ±18V | | **Low Supply Current** | 0.4 mA (Typical) | | **Output Type** | Open Collector | | **Package** | SOT-23-5 | | **Operating Temperature** | -55°C to 125°C | --- ### 2. Functional Electronic Components #### A. Input Stage The input stage consists of a differential pair capable of sensing voltages near the ground (negative rail) even when operated from a single power supply. * **Common-mode input voltage range:** Includes 0V (ground), making it ideal for low-side sensing. #### B. The Comparator Core The internal circuitry compares the voltage levels at the inverting (-) and non-inverting (+) inputs. * If $V_+ > V_-$, the output transistor turns OFF. * If $V_+ < V_-$, the output transistor turns ON (sinking current to ground). #### C. Open-Collector Output The device features an **Open-Collector output**. * **Requirement:** It requires an external **pull-up resistor** to function. * **Advantage:** This allows the output to interface with different logic levels (e.g., 3.3V, 5V, or 15V) regardless of the comparator's Vcc, and enables "Wired-OR" configurations. --- ### 3. "EP" (Enhanced Product) Characteristics The "EP" suffix in TL331MDBVTEP indicates specific enhancements for harsh environments: 1. **Extended Temperature Range:** Rated for -55°C to 125°C. 2. **Gold Bond Wires:** Often used for better corrosion resistance compared to copper/aluminum. 3. **Controlled Baseline:** One assembly site, one test site, and one fabrication site to ensure consistency. 4. **NiPdAu Lead Finish:** Provides excellent solderability and whisker mitigation. --- ### 4. Typical Application Circuit ```arduino Vcc (5V) | [R_pullup] | +------- Output (To MCU/Logic) | [TL331] | GND ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the TL331 and the TL331-EP version?
    • ⤷ How do I calculate the ideal value for the open-collector pull-up resistor?
    • ⤷ Can the TL331MDBVTEP be used in automotive safety applications?