データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TL431K-AE3-R

  • AI
    ## Overview of TL431K-AE3-R The **TL431K-AE3-R** is a precision programmable shunt regulator diode. It is widely used in power management circuits as a voltage reference because it behaves like a Zener diode but with a programmable output voltage and higher thermal stability. --- ### 1. Key Technical Specifications The "K" suffix typically denotes a specific accuracy grade (often 1%), and the "AE3" suffix refers to the package type (SOT-23). | Parameter | Value / Specification | | :--- | :--- | | **Reference Voltage ($V_{ref}$)** | 2.495V (Typical) | | **Programmable Output Voltage** | $V_{ref}$ to 36V | | **Sink Current Capability** | 1.0mA to 100mA | | **Output Impedance** | 0.22 $\Omega$ (Typical) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | SOT-23 (3-pin) | | **Tolerance** | Usually ±1% or ±0.5% (Grade dependent) | --- ### 2. Internal Block Diagram & Logic Internally, the TL431 consists of: 1. **Error Amplifier:** Compares the voltage at the **REF** pin with the internal 2.495V reference. 2. **Internal Voltage Reference:** A stable bandgap reference. 3. **Output Transistor:** A large NPN transistor that sinks current from the Cathode to the Anode based on the error amplifier's output. --- ### 3. Pin Configuration (SOT-23) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Reference (REF)** | Used to set the output voltage level. | | 2 | **Cathode (K)** | The positive terminal (equivalent to a Zener cathode). | | 3 | **Anode (A)** | The negative terminal (usually connected to ground). | --- ### 4. Basic Application Circuit To program the output voltage ($V_{out}$), a resistive divider is placed between the Cathode, Reference, and Anode pins. **Formula:** $$V_{out} = V_{ref} \times \left(1 + \frac{R1}{R2}\right) + I_{ref} \times R1$$ ```text (Input V) | [R_bias] | +---------- Cathode (V_out) | | [R1] | | | REF ----+ | (TL431) | | [R2] | | | Anode (GND) ``` --- ### 5. Common Use Cases * **Shunt Regulator:** Providing a stable voltage rail for low-current applications. * **Switching Power Supplies (SMPS):** Used on the secondary side in conjunction with an optocoupler (like PC817) to provide feedback to the PWM controller. * **Voltage Monitoring:** Acting as a comparator to trigger an over-voltage protection circuit. * **Current Limiting:** Used to create constant current sources.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the value of R_bias to ensure the TL431 remains stable?
    • ⤷ What are the main differences between the TL431 and a standard Zener diode?
    • ⤷ Can the TL431K-AE3-R be used as a simple comparator?