TL432-AB3-R
AI

## Overview of TL432-AB3-R
The **TL432-AB3-R** is a three-terminal adjustable shunt regulator with specified thermal stability. It is often described as a "programmable zener diode" because its output voltage can be set to any value between $V_{ref}$ (approx 1.25V) and 18V using two external resistors.
The "AB3" suffix typically denotes the package type (**SOT-89**), and the "R" denotes the packing (Tape & Reel).
---
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Reference Voltage ($V_{ref}$)** | 1.24V to 1.26V (1.25V Nominal) |
| **Cathode Voltage ($V_{ka}$)** | $V_{ref}$ to 18V |
| **Cathode Current ($I_k$)** | 80 $\mu$A to 100 mA |
| **Reference Input Current** | 0.15 $\mu$A (Typical) |
| **Dynamic Impedance** | 0.2 $\Omega$ (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | SOT-89 |
---
### 2. Pin Configuration (SOT-89)
The TL432 has a different pinout compared to the standard TL431 in some packages. For the SOT-89 package (AB3):
1. **REF**: The reference input.
2. **CATHODE**: The positive terminal (equivalent to a Zener cathode).
3. **ANODE**: The negative terminal (ground).
---
### 3. Functional Description
The device operates by comparing the voltage at the **REF** pin to an internal 1.25V bandgap reference.
* If the voltage at REF increases above 1.25V, the internal transistor conducts more current from Cathode to Anode.
* If the voltage at REF drops below 1.25V, the device reduces conduction.
#### Output Voltage Formula
To set the output voltage ($V_{out}$), a resistor divider ($R_1$ and $R_2$) is used:
$$V_{out} = V_{ref} \times (1 + \frac{R_1}{R_2}) + I_{ref} \times R_1$$
*(Note: Since $I_{ref}$ is very small, it is often ignored for general calculations).*
---
### 4. Applications
* **Linear Regulators:** Used as the reference element for adjustable power supplies.
* **Switching Power Supplies:** Frequently used in the feedback loop (with an optocoupler) to provide isolated voltage regulation.
* **Voltage Monitoring:** Acts as a precise comparator for over-voltage or under-voltage detection.
* **Constant Current Source:** Can be configured to maintain a steady current across a load.
---
### 5. Comparison: TL431 vs. TL432
The primary difference between the TL431 and TL432 series is the **Internal Reference Voltage**:
* **TL431:** Reference voltage is **2.5V**.
* **TL432:** Reference voltage is **1.25V**.
This makes the TL432 ideal for low-voltage applications (e.g., 1.8V or 3.3V rails) where a 2.5V reference is too high to provide effective regulation.
- ⤷
What are the layout considerations to prevent oscillation in TL432 circuits?
- ⤷ How do I calculate the resistor values for a 3.3V output?
- ⤷ What is the difference between the TL432-A and TL432-B grades?