データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TL503C

  • AI
    The **TL503C** is a widely used **infrared (IR) receiving module** designed specifically for remote control systems. It is an integrated component that combines a photodiode, a preamplifier, and an infrared filter in a single package. --- ## 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of the TL503C: | Parameter | Value | | :--- | :--- | | **Operating Voltage (Vcc)** | 2.7V to 5.5V | | **Carrier Frequency** | 38 kHz (standard) | | **Peak Wavelength** | 940 nm | | **Supply Current** | 0.5 mA to 1.5 mA | | **Detection Distance** | 8 to 15 meters (depending on emitter) | | **Receiving Angle** | ± 45 Degrees | | **Output Level** | TTL/CMOS Compatible (Active Low) | --- ## 2. Pin Configuration The TL503C typically features three pins. Looking at the front (the side with the "bump" or lens): 1. **OUT**: The data output signal. It stays **High** when idle and pulses **Low** when an IR signal is detected. 2. **GND**: The ground connection (0V). 3. **VCC**: The power supply input (usually +5V). --- ## 3. Internal Components & Working Principle The module is not just a simple sensor; it contains complex circuitry to ensure signal integrity: ### Integrated Circuits * **Photodiode:** Converts infrared light pulses into tiny electrical currents. * **Band Pass Filter:** Specifically tuned to **38kHz**. This ignores sunlight, lightbulbs, and other noise sources that aren't flickering at the specific remote control frequency. * **Automatic Gain Control (AGC):** Adjusts sensitivity so it can detect signals from both very close and very far distances. * **Demodulator:** Strips away the 38kHz carrier wave, leaving only the "bits" of data sent by the remote. --- ## 4. Basic Application Circuit To use the TL503C with a microcontroller (like an Arduino), you typically use the following setup: ```cpp // Basic Arduino Logic for TL503C int irPin = 2; // Connected to OUT pin void setup() { pinMode(irPin, INPUT); Serial.begin(9600); } void loop() { int status = digitalRead(irPin); if (status == LOW) { Serial.println("IR Signal Detected!"); } } ``` --- ## 5. Key Advantages * **High Noise Immunity:** Due to the internal shielding and band-pass filtering, it is very resistant to ambient light interference. * **Low Power Consumption:** Ideal for battery-powered devices. * **Simplicity:** No external components (like capacitors or resistors) are strictly required for basic operation, though a 100$\Omega$ resistor and a 47$\mu$F capacitor are often added to the power line to reduce supply noise.
    ✨ Follow-up Questions
    • ⤷ How do I wire a TL503C to an Arduino safely?
    • ⤷ What is the difference between a TL503C and a standard TSOP receiver?
    • ⤷ Why is my TL503C outputting constant noise in sunlight?