データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TL594-P16-R

  • AI
    ## TL594-P16-R: Electronic Components and Overview The **TL594-P16-R** is a Pulse-Width-Modulation (PWM) control circuit. It is essentially an enhanced version of the industry-standard TL494, designed primarily for power supply control. The suffix "P16-R" typically denotes the package type (DIP-16) and tape/reel or RoHS compliance depending on the specific manufacturer. --- ### 1. Key Internal Components The TL594 integrates all the functions required for the construction of a pulse-width-modulation control circuit on a single chip. | Component | Function | | :--- | :--- | | **Error Amplifiers** | Two high-gain amplifiers used to monitor output voltage and current for regulation. | | **Oscillator** | Programmable component that sets the switching frequency using an external resistor ($R_T$) and capacitor ($C_T$). | | **Dead-Time Control (DTC)** | Provides a controllable dead-time to prevent "shoot-through" in power transistors. | | **Output Transistors** | Two uncommitted transistors that can be used in push-pull or parallel-output mode. | | **5V Reference** | An internal temperature-compensated voltage reference (5.0V ±1%). | | **Output Control** | A pin to select between single-ended or push-pull operation. | --- ### 2. Technical Specifications Below are the typical operating parameters for the TL594 series: | Parameter | Value | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 7V to 40V | | **Output Current** | 200 mA (per transistor) | | **Oscillator Frequency** | 1 kHz to 300 kHz | | **Reference Voltage** | 5.0 V | | **Operating Temperature** | -40°C to 85°C (Standard Industrial) | --- ### 3. Pin Configuration (DIP-16) The "P16" refers to the 16-pin package. Here is the functional breakdown of the pins: ```text 1: ERROR AMP 1 (+) 16: ERROR AMP 2 (-) 2: ERROR AMP 1 (-) 15: ERROR AMP 2 (+) 3: FEEDBACK 14: REF OUT (5V) 4: DEAD-TIME CONTROL 13: OUTPUT CONTROL 5: CT (Capacitor) 12: VCC 6: RT (Resistor) 11: C2 (Collector 2) 7: GND 10: E2 (Emitter 2) 8: C1 (Collector 1) 9: E1 (Emitter 1) ``` --- ### 4. Key Differences: TL594 vs. TL494 While they are pin-compatible, the **TL594** offers several improvements over the older **TL494**: 1. **Reference Accuracy:** The TL594 has a tighter tolerance on the 5V reference voltage (typically 1% vs 5%). 2. **Dead-Time Precision:** Improved accuracy in the dead-time control comparator. 3. **Common-Mode Range:** Better performance in the error amplifier input stages. --- ### 5. Application Areas * **Switch Mode Power Supplies (SMPS):** AC-to-DC or DC-to-DC converters. * **Motor Control:** Speed control for DC motors via PWM. * **Power Inverters:** Converting DC battery power to AC. * **LED Drivers:** High-efficiency current regulation for lighting.
    ✨ Follow-up Questions
    • ⤷How do you calculate the switching frequency using RT and CT for the TL594?
    • ⤷ What is the difference between push-pull and single-ended output modes in this chip?
    • ⤷ Can the TL594 be used in a buck converter topology?