データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TLE4959-5U-R

  • AI
    ## Overview of TLE4959-5U-R The **TLE4959-5U-R** is an advanced differential Hall-effect sensor specifically designed for automotive applications. It is primarily used for transmission speed sensing, providing high integration and robust performance in harsh environments. --- ### Technical Specifications | Parameter | Details | | :--- | :--- | | **Manufacturer** | Infineon Technologies | | **Sensor Type** | Differential Hall Speed Sensor | | **Operating Voltage** | 4.5V to 20V | | **Output Type** | PWM (Pulse Width Modulation) | | **Package** | PG-SSO-2-53 (Special Small Outline) | | **Operating Temperature** | -40°C to +150°C (Automotive Grade) | | **Technology** | Integrated capacitors for high EMC robustness | --- ### Key Features and Functionality The TLE4959-5U-R stands out due to its "System-on-Chip" approach for speed detection. 1. **Differential Hall Principle**: * It uses two Hall probes to measure the difference in magnetic field strength. This makes it highly immune to external magnetic interference and vibrations. 2. **Integrated Passive Components**: * Unlike standard sensors, the "5U" variant includes **integrated capacitors** on the lead frame. This significantly improves Electro-Magnetic Compatibility (EMC) without requiring an external PCB. 3. **Direction and Speed Detection**: * The sensor can detect both the speed and the direction of rotation of a ferromagnetic gear or pole wheel. 4. **Adaptive Threshold Control**: * The sensor automatically adjusts its switching thresholds to account for air-gap variations and mechanical tolerances. --- ### Pin Configuration and Application The device is a **2-wire sensor**, meaning the supply current itself conveys the output signal. * **VCC**: Power Supply. * **GND**: Ground (Current modulation occurs on this line). #### Example Circuit Representation ```cpp // Logic representation of the PWM Output // High Current (7mA - 14mA) = Logical High // Low Current (4mA - 8mA) = Logical Low if (current > threshold) { status = "Target Pulse Detected"; } ``` --- ### Typical Applications * **Automatic Transmissions**: Monitoring gear speed and direction. * **Dual-Clutch Transmissions (DCT)**: High-speed rotation tracking. * **Hybrid Drives**: Speed sensing for electric motor integration. * **Industrial Gearboxes**: General speed and direction monitoring in heavy machinery. ---
    ✨ Follow-up Questions
    • ⤷ How does the PWM protocol communicate direction information in this sensor?
    • ⤷ What are the advantages of integrated capacitors over external ones in automotive designs?
    • ⤷ What is the maximum frequency range the TLE4959-5U-R can detect?