データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TLL-RACE-061-G4

  • AI
    Based on the product code **TLL-RACE-061-G4**, this refers to a high-performance **LED Driver** typically manufactured by **TCI (Talent Concept Italy)** or related lighting technology suppliers. This specific series is designed for professional architectural and retail lighting applications. --- ### 1. Key Technical Specifications Below are the estimated electronic characteristics for the G4 (Generation 4) series of this driver: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 220-240V AC (50/60 Hz) | | **Output Type** | Constant Current (CC) | | **Max Power Output** | ~60W (indicated by "061") | | **Control Interface** | Non-dimmable / Fixed Output (Standard G4) | | **Efficiency** | >90% at full load | | **Power Factor** | >0.95 | | **IP Rating** | IP20 (Indoor use) | --- ### 2. Core Electronic Components The internal architecture of the TLL-RACE series focuses on thermal management and power stability: * **PFC Stage (Power Factor Correction):** Uses active circuitry to ensure high efficiency and minimal harmonic distortion on the electrical grid. * **Flyback Converter Topology:** Common in this wattage range to provide galvanic isolation between the mains and the LED load. * **Output Filter:** High-quality electrolytic capacitors designed for low ripple current, which prevents "flicker" in the connected LED modules. * **Safety Protections:** * **Short Circuit Protection:** Automatic reset after the fault is removed. * **Over-temperature Protection:** Progressive current reduction if the internal temperature exceeds safety thresholds. * **Overload Protection:** Prevents damage if a higher wattage LED is connected. --- ### 3. Connection and Installation The G4 series usually features "push-in" or screw-type terminals for easy wiring. ```cpp // Schematic Logic Flow [AC Input 230V] --> [EMI Filter] --> [PFC Controller] --> [Isolation Transformer] --> [DC Output] ``` --- ### 4. Comparison with Previous Generations The **G4 (Generation 4)** improves upon previous versions in the following ways: 1. **Standby Power:** Reduced "No-load" power consumption to meet stricter Eco-design regulations. 2. **Compact Size:** Higher power density allows for a smaller housing. 3. **Inrush Current:** Optimized to allow more drivers to be connected to a single Type-B or Type-C circuit breaker.
    ✨ Follow-up Questions
    • ⤷ What are the specific output current settings for the TLL-RACE-061-G4?
    • ⤷ Is this driver compatible with DALI or 0-10V dimming systems?
    • ⤷ What is the maximum operating ambient temperature for this unit?