データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TLV2211CDBVTG4

  • AI
    The **TLV2211CDBVTG4** is a high-performance, low-voltage operational amplifier (Op-Amp) manufactured by Texas Instruments. It belongs to the Advanced LinCMOS™ family and is specifically designed for battery-powered, portable applications. --- ## 1. Component Identification The part number can be broken down to understand its specific packaging and standards: | Part Segment | Meaning | | :--- | :--- | | **TLV2211** | Base model number (Single, Low-voltage Rail-to-Rail Op-Amp) | | **C** | Temperature Grade: Commercial (0°C to 70°C) | | **DBV** | Package Type: SOT-23-5 | | **T** | Tape and Reel (Small quantity, typically 250 units) | | **G4** | Green/RoHS compliant (Lead-free) | --- ## 2. Key Technical Specifications This component is optimized for ultra-low power consumption while maintaining rail-to-rail output performance. | Feature | Specification | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 2.7V to 10V (Single Supply) | | **Quiescent Current** | 13 $\mu$A (Typical) | | **Output Type** | Rail-to-Rail | | **Gain Bandwidth Product** | 65 kHz | | **Slew Rate** | 0.025 V/$\mu$s | | **Input Offset Voltage** | 450 $\mu$V (Typical) | | **Input Bias Current** | 1 pA | --- ## 3. Internal Architecture & Features ### A. Rail-to-Rail Output Unlike standard op-amps that lose voltage range near the supply rails, the TLV2211 can swing its output very close to the positive and negative supply bars. This maximizes the **Dynamic Range** in low-voltage systems (e.g., 3.3V logic). ### B. LinCMOS™ Technology The use of Texas Instruments' proprietary LinCMOS process provides: * Extremely high input impedance ($10^{12}$ $\Omega$). * Ultra-low input bias currents, making it ideal for sensing high-impedance sources (like pH probes or photodetectors). ### C. Low Power Profile With a supply current of only 13 $\mu$A, this chip is designed for "always-on" monitoring circuits where power conservation is critical for battery longevity. --- ## 4. Typical Applications 1. **Portable Medical Equipment:** Blood glucose meters and handheld monitors. 2. **Sensor Signal Conditioning:** Buffering high-impedance sensors or bridge transducers. 3. **Active Filters:** Low-frequency filtering in battery-powered IoT devices. 4. **Micropower Gains:** Preamplification for low-frequency acoustic or vibration sensors. --- ## 5. Pin Configuration (SOT-23-5) ```text _______ OUT |1 5| VCC+ VCC- |2 | IN+ |3____4| IN- ```
    ✨ Follow-up Questions
    • ⤷ How does the TLV2211 compare to the TLV2211I (Industrial grade) in terms of temperature range?
    • ⤷ What is the maximum output current this Op-Amp can drive?
    • ⤷ Are there dual or quad versions of the TLV2211 available?