データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TM-R-C

  • AI
    Based on technical specifications for motion control and automation systems, **TM-R-C** typically refers to a **Remote Control/Receiver Terminal** unit or a specific **Radio Frequency (RF)** module used in industrial robotics (often associated with brands like Techman Robot or similar PLC systems). Below is a breakdown of the electronic components and architecture typically found in a TM-R-C module. --- ## 1. Core Electronic Components The TM-R-C unit is designed to bridge the gap between a wireless control interface and the main controller via a bus system. | Component Type | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | ARM Cortex-M or similar high-speed processor. | Processes signal logic and manages data flow between RF and Bus. | | **RF Transceiver** | 2.4GHz or Sub-GHz wireless module. | Handles the transmission and reception of wireless commands. | | **Signal Isolators** | Optocouplers or digital isolators. | Protects the internal circuitry from high-voltage spikes on the I/O lines. | | **Voltage Regulators** | DC-DC Buck Converters (e.g., 24V to 5V/3.3V). | Converts industrial power supply levels to logic-level voltages. | | **Bus Controller** | RS-485 or CAN-Bus transceiver. | Enables wired communication with the master PLC or Robot Controller. | --- ## 2. Interface and I/O Structure The electronic "parts" visible to the user generally consist of connection terminals and status indicators. ### A. Communication Ports * **RS-485 / Modbus RTU:** Used for long-distance wired communication. * **TTL Interface:** For direct logic-level communication with internal sensors. * **Antenna Port:** Usually an SMA or U.FL connector for the external RF antenna. ### B. Input/Output (I/O) * **Digital Inputs:** Usually 4-8 channels (PNP/NPN selectable) for receiving limit switch signals. * **Relay/Transistor Outputs:** Used to trigger external hardware like pneumatic valves or warning lights. --- ## 3. Circuit Protection Features Industrial-grade modules like the TM-R-C include specific electronic protections: * **TVS Diodes:** For Transient Voltage Suppression on data lines. * **Reverse Polarity Protection:** Prevents damage if the 24V DC input is wired incorrectly. * **EMI/EMC Shielding:** A metal casing or internal shielding to prevent radio interference from nearby motors. --- ## 4. Technical Specifications Table Typical operating parameters for these electronic parts: | Specification | Typical Value | | :--- | :--- | | **Operating Voltage** | 12V - 24V DC | | **Current Consumption** | 100mA - 500mA | | **Wireless Frequency** | 2.4 GHz (Standard) | | **Operating Temp** | -10°C to +60°C | | **Response Time** | < 20ms | ---
    ✨ Follow-up Questions
    • ⤷ Which specific brand or robot manufacturer is your TM-R-C module associated with?
    • ⤷ Do you need a pinout diagram for the communication terminals?
    • ⤷ Are you troubleshooting a specific electronic fault such as signal loss or power failure?