データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TM-R-R

  • AI
    It appears you are referring to the **TM-R-R** series, which is a specific designation commonly used for **Rotary Torque Transducers** (Sensors) with Slip Rings. These components are vital in industrial automation for measuring torque on rotating shafts. ### 1. Core Electronic Architecture The electronics within a TM-R-R unit are designed to convert physical torsion into a measurable electrical signal. | Component | Function | Material/Type | | :--- | :--- | :--- | | **Strain Gauges** | Detects mechanical deformation of the shaft. | Foil or Semiconductor | | **Wheatstone Bridge** | Converts resistance change into differential voltage. | Full-bridge configuration | | **Slip Rings** | Transfers power and signals between rotating and stationary parts. | Precious metal brushes (Gold/Silver) | | **Signal Conditioner** | Amplifies the low-millivolt (mV) signal to standard outputs. | Integrated IC or External Module | --- ### 2. Detailed Electronic Specifications Most TM-R-R sensors follow a standardized electronic profile to ensure compatibility with PLCs and Data Acquisition (DAQ) systems. * **Excitation Voltage:** Typically requires **5V to 10V DC**. * **Sensitivity (Output):** Usually rated at **1.0 mV/V to 2.0 mV/V**. * *Example:* If excitation is 10V and sensitivity is 2.0mV/V, the max output is 20mV. * **Impedance:** Standard bridge resistance is usually **350Ω or 700Ω**. * **Insulation Resistance:** Usually $>2000 M\Omega$ to prevent signal noise. --- ### 3. Wiring Configuration The electronics are typically accessed via a circular connector (e.g., 6-pin or 4-pin). The standard internal wiring is as follows: ```text Pin A: Excitation (+) [Red] Pin B: Excitation (-) [Black] Pin C: Signal (+) [Green] Pin D: Signal (-) [White] Pin E: Shield/Ground ``` --- ### 4. Critical Electronic Considerations 1. **Noise Mitigation:** Because the signal passes through physical brushes (slip rings), electronic noise can be generated at high RPMs. Regular maintenance of the contact surfaces is required to maintain signal integrity. 2. **Zero Balance:** The electronics include a "Zero Offset" capability to ensure the output is exactly 0V when no torque is applied. 3. **Temperature Compensation:** Internal resistors are used to compensate for the thermal expansion of the metal, ensuring the electronic output doesn't drift in hot environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by the TM-R-R slip ring electronics?
    • ⤷ How do I calibrate the mV/V output to a 4-20mA signal for a PLC?
    • ⤷ What are the primary differences between the TM-R-R slip ring model and a non-contact rotary sensor?