データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TM1041S-R

  • AI
    The **TM1041S-R** is a specific electronic component primarily identified as a **tactile switch** (often manufactured by companies like Mitsumi or similar electronic switch providers). These components are fundamental in human-machine interfaces. --- ### 1. Technical Specifications The TM1041S-R is a surface-mount (SMD) tactile switch. Below are the typical electronic and mechanical characteristics: | Parameter | Value / Range | | :--- | :--- | | **Type** | Momentary Tactile Switch | | **Mounting Type** | Surface Mount (SMT/SMD) | | **Contact Rating** | Usually 50mA, 12V DC | | **Contact Resistance** | < 100 mΩ | | **Insulation Resistance** | > 100 MΩ (at 100V DC) | | **Operating Force** | Typically 1.6N to 2.5N | | **Travel (Stroke)** | ~0.25mm | | **Life Cycle** | 100,000 to 500,000 cycles | --- ### 2. Internal Construction The "Electronic Parts" within this assembly consist of four primary layers: 1. **The Actuator (Stem):** The plastic part the user presses. 2. **The Metal Dome:** This is the heart of the switch. It acts as the spring and the moving contact. When pressed, it collapses to complete the circuit, providing the "click" feel. 3. **The Base (Housing):** Heat-resistant plastic (LCP or similar) that holds the fixed contacts. 4. **Terminal Leads:** Silver or gold-plated copper alloy pins that are soldered to the PCB. --- ### 3. Circuit Configuration Most TM series tactile switches use a **SPST-NO** (Single Pole Single Throw, Normally Open) configuration. ```text Pin 1 (Input) ----\ ---- Pin 2 (Output) \ (Dome Contact) Pin 3 (Common) ----/ ---- Pin 4 (Common) ``` *Note: In 4-pin SMD tactile switches, pins 1-2 and 3-4 are often internally connected, effectively acting as a jumper on the PCB.* --- ### 4. Common Applications Due to its small footprint and reliability, the TM1041S-R is found in: * **Consumer Electronics:** Volume buttons on tablets or smartphones. * **Automotive:** Steering wheel controls or infotainment buttons. * **Industrial:** Reset switches on control boards. * **Peripheral Devices:** Computer mice and keyboards. ---
    ✨ Follow-up Questions
    • ⤷ What is the footprint size (mm) for the TM1041S-R?
    • ⤷ How does the 'R' suffix in the part number affect the packaging (e.g.
    • ⤷ Tape & Reel)?
    • ⤷ Can this switch be used in AC voltage applications?