データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • TMA-R-H

  • AI
    The **TMA-R-H** series typically refers to high-precision, industrial-grade **Temperature and Humidity Transmitters** (often associated with brands like Delta or specialized HVAC sensor manufacturers). These devices are designed to convert environmental physical signals into measurable electrical signals. Below is a breakdown of the core electronic components and functional blocks typically found in these units. --- ### 1. Key Electronic Components | Component | Function | Description | | :--- | :--- | :--- | | **Sensing Element** | Signal Acquisition | A capacitive polymer sensor (Humidity) and a Pt100/Pt1000 or Band-gap sensor (Temperature). | | **Microcontroller (MCU)** | Processing | An onboard low-power CPU that performs A/D conversion and applies calibration algorithms. | | **Signal Conditioner** | Amplification | OP-Amps that scale the tiny voltage/capacitance changes from the sensor to a usable range. | | **Output Driver** | Communication | ICs that manage 4-20mA current loops, 0-10V signals, or RS-485 Modbus communication. | | **Voltage Regulator** | Power Management | Converts 24V DC/AC input to stable 3.3V or 5V for internal logic. | --- ### 2. Functional Electronic Blocks #### A. The Transducer Circuit The heart of the device is the transducer. For humidity, it uses a **dielectric polymer** between two plates. As moisture is absorbed, the capacitance changes. The electronic circuit converts this capacitance into a frequency or voltage pulse. #### B. Analog-to-Digital Conversion (ADC) Since the physical environment is analog, a high-resolution ADC (usually 12-bit or 16-bit) is used to digitize the signal so the internal microprocessor can compensate for non-linearity and temperature drift. #### C. Output Interface (The "R" and "H" Logic) The "R" and "H" in the part number usually designate the output configuration: * **Current Loop (4-20mA):** Uses a constant current source driver to ensure signal integrity over long cable distances. * **Voltage Output (0-10V):** Uses a buffer amplifier for high-impedance inputs. * **Digital (RS-485):** Uses a transceiver (like the MAX485) to allow daisy-chaining multiple sensors to a PLC. --- ### 3. Wiring and Connection Diagram (Typical) ```mermaid graph LR A[Power Supply 24V] --> B(V+) C[Ground/Common] --> D(COM) E[Controller/PLC] --- F(Temp Output) E[Controller/PLC] --- G(Humid Output) ``` ### 4. Technical Specifications Summary | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 12-35V DC / 24V AC | | **Power Consumption** | < 50mA | | **Accuracy** | ±2% to ±3% RH | | **Operating Temp** | -20°C to +80°C | | **Protection** | Reverse polarity & Overvoltage protection | ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate a TMA-R-H transmitter if the readings drift?
    • ⤷ What is the difference between the 4-20mA and 0-10V output models for this series?
    • ⤷ Can this sensor be integrated into a Modbus RTU network?